Electronic Components Datasheet Search
  English  ▼

X  

MAX22441 Datasheet (PDF) - Analog Devices

MAX22441 Datasheet PDF - Analog Devices
Part # MAX22441
Download  MAX22441 Download
File Size   1662.37 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators

MAX22441 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX22441 Datasheet PDF - Analog Devices

Part # MAX22441
Download  MAX22441 Click to download

File Size   1662.37 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators

MAX22441 Datasheet (HTML) - Analog Devices


MAX22441 Product details

Product Highlights
• Ultra-Low Power Consumption
• 9.6μA per Channel at DC with VDD = 3.3V
• 13.2μA per Channel at 100kbps with VDD = 3.3V
• 47.6μA per Channel at 1Mbps with VDD = 3.3V
• Wide Operating Voltage Range from 1.71V to 5.5V
• Reinforced Galvanic Isolation of Digital Signals
• Withstands ±10kV Surge between GNDA and
GNDB with 1.2μs/50μs Waveform
• High CMTI (200kV/μs, min)
• MAX22440-MAX22442 in 16 QSOP Package:
- 3000VRMS Isolation Voltage for 60s (VISO)
- 445VRMS Continuous Working Voltage (VIOWM)
• MAX22840-MAX22842 in 16 Wide SOIC Package:
- 5000VRMS Isolation Voltage for 60s (VISO)
- 848VRMS Continuous Working Voltage (VIOWM)
• MAX22880-MAX22882 in 20 SSOP Package:
- 3750VRMS Isolation Voltage for 60s (VISO)
- 784VRMS Continuous Working Voltage (VIOWM)
• Safety Regulatory Approvals
• UL According to UL1557 (Pending)
• VDE 0884-11 Reinforced Insulation (Pending)
• CSA IEC 62368-1, and IEC 61010-1 (Pending)
• Low Propagation Delay and Low Jitter
• Maximum Data Rate Up to 10Mbps
• Propagation Delay of 43.8ns (typ) at VDD = 3.3V
• Clock Jitter RMS of 35.0ps (typ)

Key Applications
• 4-20mA Loop Process Control
• Compact Micro PLC
• Battery Management
• Parasitically Powered Applications
The MAX22440-MAX22442, MAX22840-MAX22842, and
MAX22880-MAX22882 are a family of 4-channel,
reinforced, ultra-low-power digital galvanic isolators using
Analog Devices proprietary process technology. The
MAX22440-MAX22442 are in a 16-QSOP package with a
withstand voltage rating of 3kVRMS for 60 seconds, the
MAX22840-MAX22842 are in a 16 wide SOIC package
with a withstand voltage rating of 5kVRMS for 60 seconds,
and the MAX22880-MAX22882 are in a 20-SSOP
package with a withstand voltage rating of 3.75kVRMS for
60 seconds. Devices are rated for operation at ambient
temperatures from -40°C to +125°C.
The devices transfer digital signals between circuits with
different power domains, using as little as 77.04μW per
channel at 1Mbps (1.8V supply). The ultra-low-power
feature reduces system dissipation, increases reliability,
and enables compact designs. Devices are available with
a maximum data rate of 10Mbps and with default-high or
default-low outputs. The devices feature low propagation
delay and low clock jitter, which reduces system latency.
Independent 1.71V to 5.5V supplies on each side also
make the devices suitable for use as level translators. All
four channels of the MAX22440/840/880 transfer data in
the same direction. Three out of four channels of the
MAX22441/841/881 transfer data in one direction while
the other one transfers data in the opposite direction. Two
channels of the MAX22442/842/882 transfer data in one
direction and the other two in the opposite direction.




Similar Part No. - MAX22441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX22441 AD-MAX22441 Datasheet
1Mb / 28P
Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
19-101556; Rev 4; 8/23
MAX22441 AD-MAX22441 Datasheet
1Mb / 28P
Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 5; 1/24
MAX22441CAEE+ AD-MAX22441CAEE+ Datasheet
1Mb / 28P
Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
19-101556; Rev 4; 8/23
MAX22441CAEE+ AD-MAX22441CAEE+ Datasheet
1Mb / 28P
Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 5; 1/24
MAX22441FAEE+ AD-MAX22441FAEE+ Datasheet
1Mb / 28P
Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
19-101556; Rev 4; 8/23
More results


Similar Description - MAX22441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7340-Q1 TI1-ISO7340-Q1_16 Datasheet
1Mb / 35P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
logo
Maxim Integrated Produc...
MAX22444 MAXIM-MAX22444 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
Rev 7; 3/20
MAX22245 MAXIM-MAX22245 Datasheet
972Kb / 22P
Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
Rev 1; 9/20
MAX22163 MAXIM-MAX22163 Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
MAX22290 MAXIM-MAX22290 Datasheet
1Mb / 22P
Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
2021
MAX22565 MAXIM-MAX22565 Datasheet
2Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
MAX22446E MAXIM-MAX22446E_V01 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
2021
logo
Analog Devices
MAX22663 AD-MAX22663 Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
19-101239; Rev 0; 12/22
MAX22440 AD-MAX22440_V01 Datasheet
1Mb / 28P
Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
19-101556; Rev 4; 8/23
MAX22663 AD-MAX22663_V01 Datasheet
2Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
19-101239; Rev 1; 9/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com