Electronic Components Datasheet Search
  English  ▼

X  

MIC3832BWM Datasheet (PDF) - Micrel Semiconductor

MIC3832BWM Datasheet PDF - Micrel Semiconductor
Part # MIC3832BWM
Download  MIC3832BWM Download
File Size   107.23 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Current-Fed PWM Controllers

MIC3832BWM Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3832BWM Datasheet PDF - Micrel Semiconductor

Part # MIC3832BWM
Download  MIC3832BWM Click to download

File Size   107.23 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Current-Fed PWM Controllers

MIC3832BWM Datasheet (HTML) - Micrel Semiconductor


MIC3832BWM Product details

General Description
The MIC3832 and MIC3833 are unique PWM controllers designed for current-fed, multiple-output or push-pull, switched-mode power supply applications.

Features
• 15.9V startup, up to 21V operation (MIC3832)
    8.3V startup, up to 21V operation (MIC3833)
• 9.8V undervoltage lockout (MIC3832)
    7.8V undervoltage lockout (MIC3833)
• 0.5mA maximum startup current (40µA typical)
• 17mA typical operating current
• 50ns maximum rise and fall times
• 30kHz to 500kHz RC oscillator
• Voltage or current-mode control
• Cycle-by-cycle current limit
• Soft start function
• 5V 2% reference sources 20mA
• Totem-pole output drive stages 1A peak output drive current
• 22V zener clamp on supply pin
• PWM latch eliminates false outputs from noise or ringing
• Adjustable maximum duty-cycle limit
• 5MHz bandwidth error amplifier

Applications
• High-power, multiple-output, switched-mode power supplies and dc-to-dc Converters
• Current-fed, push-pull, switched-mode power supplies or dc-to-dc converters
• Isolated high-voltage supplies




Similar Part No. - MIC3832BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38300 MICREL-MIC38300 Datasheet
600Kb / 10P
3A SuperLNR??Low Noise High Efficiency Regulator
MIC38300HYHL MICREL-MIC38300HYHL Datasheet
600Kb / 10P
3A SuperLNR??Low Noise High Efficiency Regulator
MIC38300HYHL MICREL-MIC38300HYHL Datasheet
574Kb / 12P
HELDO 3A High Efficiency Low Dropout Regulator
MIC38300HYHL MICREL-MIC38300HYHL Datasheet
907Kb / 15P
3A High-Efficiency Low Dropout Regulator
MIC38300 MICREL-MIC38300_10 Datasheet
574Kb / 12P
HELDO 3A High Efficiency Low Dropout Regulator
More results


Similar Description - MIC3832BWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
CURRENT-MODE PWM CONTROLLERS
UC1827- TI-UC1827- Datasheet
283Kb / 15P
Buck Current/Voltage Fed Push-Pull PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
CURRENT-MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
Current-Mode PWM Controllers
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
BiCMOS Current-Mode PWM Controllers
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com