Electronic Components Datasheet Search
  English  ▼

X  

82V3285PF Datasheet (PDF) - Renesas Technology Corp

82V3285PF Datasheet PDF - Renesas Technology Corp
Part # 82V3285PF
Download  82V3285PF Download
File Size   1723.08 Kbytes
Page   148 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description WAN PLL

82V3285PF Datasheet (PDF)

Go To PDF Page Download Datasheet
82V3285PF Datasheet PDF - Renesas Technology Corp

Part # 82V3285PF
Download  82V3285PF Click to download

File Size   1723.08 Kbytes
Page   148 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description WAN PLL

82V3285PF Datasheet (HTML) - Renesas Technology Corp


82V3285PF Product details

HIGHLIGHTS
• The first single PLL chip:
• Features 0.5 mHz to 560 Hz bandwidth
• Exceeds GR-253-CORE (OC-12) and ITU-T G.813 (STM-16/
Option I) jitter generation requirements
• Provides node clocks for Cellular and WLL base-station (GSM
and 3G networks)
• Provides clocks for DSL access concentrators (DSLAM), especially
for Japan TCM-ISDN network timing based ADSL equipments
MAIN FEATURES
• Provides an integrated single-chip solution for Synchronous Equipment
Timing Source, including Stratum 2, 3E, 3, SMC, 4E and 4
clocks
• Employs DPLL and APLL to feature excellent jitter performance
and minimize the number of the external components
• Integrates T0 DPLL and T4 DPLL; T4 DPLL locks independently or
locks to T0 DPLL
• Supports Forced or Automatic operating mode switch controlled by
an internal state machine; the primary operating modes are Free-
Run, Locked and Holdover
• Supports programmable DPLL bandwidth (0.5 mHz to 560 Hz in 19
steps) and damping factor (1.2 to 20 in 5 steps)
• Supports 1.1X10-5 ppm absolute holdover accuracy and 4.4X10-8
ppm instantaneous holdover accuracy
• Supports PBO to minimize phase transients on T0 DPLL output to
be no more than 0.61 ns
• Supports phase absorption when phase-time changes on T0
selected input clock are greater than a programmable limit over an
interval of less than 0.1 seconds
• Supports programmable input-to-output phase offset adjustment
• Limits the phase and frequency offset of the outputs
• Supports manual and automatic selected input clock switch




Similar Part No. - 82V3285PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82V3285AEQG RENESAS-82V3285AEQG Datasheet
1Mb / 150P
WAN PLL
August 7, 2009
More results


Similar Description - 82V3285PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3288 IDT-IDT82V3288 Datasheet
1Mb / 170P
WAN PLL
IDT82V3280 IDT-IDT82V3280 Datasheet
1Mb / 167P
WAN PLL
IDT82V3255 IDT-IDT82V3255 Datasheet
1Mb / 127P
WAN PLL
IDT82V3255 IDT-IDT82V3255_08 Datasheet
1Mb / 132P
WAN PLL
IDT82V3280 IDT-IDT82V3280_08 Datasheet
1Mb / 171P
WAN PLL
IDT82V3285 IDT-IDT82V3285 Datasheet
1Mb / 147P
WAN PLL
IDT82V32021 IDT-IDT82V32021 Datasheet
1Mb / 108P
EBU WAN PLL
logo
Renesas Technology Corp
IDT82V3280 RENESAS-IDT82V3280 Datasheet
1Mb / 173P
WAN PLL
June 22, 2015
IDT82V3285A RENESAS-IDT82V3285A Datasheet
1Mb / 150P
WAN PLL
August 7, 2009
IDT82V3288 RENESAS-IDT82V3288 Datasheet
1Mb / 171P
WAN PLL
March 14, 2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com