Electronic Components Datasheet Search
  English  ▼

X  

82V3002APVG Datasheet (PDF) - Renesas Technology Corp

82V3002APVG Datasheet PDF - Renesas Technology Corp
Part # 82V3002APVG
Download  82V3002APVG Download
File Size   1476.22 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description WAN PLL WITH DUAL REFERENCE INPUTS

82V3002APVG Datasheet (PDF)

Go To PDF Page Download Datasheet
82V3002APVG Datasheet PDF - Renesas Technology Corp

Part # 82V3002APVG
Download  82V3002APVG Click to download

File Size   1476.22 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description WAN PLL WITH DUAL REFERENCE INPUTS

82V3002APVG Datasheet (HTML) - Renesas Technology Corp


82V3002APVG Product details

FEATURES
• Supports AT&T TR62411 and Telcordia GR-1244-CORE Stratum
3, Stratum 4 Enhanced and Stratum 4 timing for DS1
interfaces
• Supports ITU-T G.813 Option 1 clocks for 2048 kbit/s interfaces
• Supports ITU-T G.812 Type IV clocks for 1544 kbit/s interface
and 2048 kbit/s interfaces
• Supports ETSI ETS 300 011, TBR 4, TBR 12 and TBR 13 timing
for E1 interface
• Selectable input reference signal: 8 kHz, 1.544 MHz or 2.048 MHz
• Accepts reference inputs from two independent sources
• Provides eight types of clock signals: C1.5o, C3o, C2o, C4o,
C6o, C8o, C16o and C32o
• Provides six types of 8 kHz framing pulses: F0o, F8o, F16o,
F32o, RSP and TSP• Holdover frequency accuracy of 0.025 ppm
• Phase slope of 5 ns/125 μs
• Attenuates wander from 2.1 Hz
• Fast Lock mode
• Provides Time Interval Error (TIE) correction
• MTIE of 600 ns
• JTAG boundary scan
• Holdover status indication
• Freerun status indication
• Normal status indication
• Lock status indication
• Input primary reference quality indication
• 3.3 V operation with 5 V tolerant I/O
• Package available: 56-pin SSOP (Green option available)




Similar Part No. - 82V3002APVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82V3002APVG IDT-82V3002APVG Datasheet
1Mb / 29P
WAN PLL WITH DUAL REFERENCE INPUTS
More results


Similar Description - 82V3002APVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82V3001 IDT-82V3001 Datasheet
375Kb / 27P
WAN PLL WITH SINGLE REFERENCE INPUT
IDT82V3155 IDT-IDT82V3155 Datasheet
423Kb / 30P
ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
IDT82V3002A IDT-IDT82V3002A Datasheet
390Kb / 28P
WAN PLL WITH DUAL REFERENCE INPUTS
IDT82V3002A IDT-IDT82V3002A_08 Datasheet
1Mb / 29P
WAN PLL WITH DUAL REFERENCE INPUTS
82V3001A IDT-82V3001A Datasheet
149Kb / 28P
WAN PLL WITH SINGLE REFERENCE INPUT
82V3012 IDT-82V3012 Datasheet
456Kb / 32P
T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
82V3155 IDT-82V3155 Datasheet
397Kb / 34P
ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
82V3155 RENESAS-82V3155 Datasheet
576Kb / 35P
ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
January 11, 2017
IDT82V3001A RENESAS-IDT82V3001A Datasheet
316Kb / 29P
WAN PLL WITH SINGLE REFERENCE INPUT
November 14, 2012
IDT82V3012 RENESAS-IDT82V3012 Datasheet
633Kb / 33P
T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
February 6, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com