Electronic Components Datasheet Search
  English  ▼

X  

NVT2002DP Datasheet (PDF) - NXP Semiconductors

NVT2002DP Datasheet PDF - NXP Semiconductors
Part # NVT2002DP
Download  NVT2002DP Download
File Size   542.81 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Bidirectional voltage level translator for open-drain and push-pull applications

NVT2002DP Datasheet (PDF)

Go To PDF Page Download Datasheet
NVT2002DP Datasheet PDF - NXP Semiconductors

Part # NVT2002DP
Download  NVT2002DP Click to download

File Size   542.81 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Bidirectional voltage level translator for open-drain and push-pull applications

NVT2002DP Datasheet (HTML) - NXP Semiconductors


NVT2002DP Product details

1 General description
The NVT2001/02 are bidirectional voltage level translators operational from 1.0 V to 3.6 V (Vref(A)) and 1.8 V to 5.5 V (Vref(B)), which allow bidirectional voltage translations between 1.0 V and 5 V without the need for a direction pin in open-drain or push-pull applications. Bit widths ranging from 1-bit or 2-bit are offered for level translation application with transmission speeds < 33 MHz for an open-drain system with a 50 pF capacitance and a pull-up of 197 Ω. When the An or Bn port is LOW, the clamp is in the ON-state and a low resistance connection exists between the An and Bn ports. The low ON-state resistance (Ron) of the switch allows connections to be made with minimal propagation delay. Assuming the higher voltage is on the Bn port when the Bn port is HIGH, the voltage on the An port is limited to the voltage set by VREFA. When the An port is HIGH, the Bn port is pulled to the drain pull-up supply voltage (Vpu(D)) by the pull-up resistors. This functionality allows a seamless translation between higher and lower voltages selected by the user without the need for directional control. When EN is HIGH, the translator switch is on, and the An I/O are connected to the Bn I/O, respectively, allowing
bidirectional data flow between ports. When EN is LOW, the translator switch is off, and a high-impedance state exists between ports. The EN input circuit is designed to be supplied by Vref(B). To ensure the high-impedance state during power-up or power-down, EN must be LOW.
All channels have the same electrical characteristics and there is minimal deviation from one output to another in voltage or propagation delay. This is a benefit over discrete transistor voltage translation solutions, since the fabrication of the switch is symmetrical. The translator provides excellent ESD protection to lower voltage devices, and at the same time protects less ESD-resistant devices.

2 Features and benefits
• Provides bidirectional voltage translation with no direction pin
• Less than 1.5 ns maximum propagation delay
• Allows voltage level translation between:
– 1.0 V Vref(A) and 1.8 V, 2.5 V, 3.3 V or 5 V Vref(B)
– 1.2 V Vref(A) and 1.8 V, 2.5 V, 3.3 V or 5 V Vref(B)
– 1.8 V Vref(A) and 3.3 V or 5 V Vref(B)
– 2.5 V Vref(A) and 5 V Vref(B)
– 3.3 V Vref(A) and 5 V Vref(B)
• Low 3.5 Ω ON-state connection between input and output ports provides less signal distortion
• 5 V tolerant I/O ports to support mixed-mode signal operation
• High-impedance An and Bn pins for EN = LOW
• Lock-up free operation
• Flow through pinout for ease of printed-circuit board trace routing
• ESD protection exceeds 4 kV HBM per JESD22-A114 and 1000 V CDM per JESD22-C101




Similar Part No. - NVT2002DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NVT2002 PHILIPS-NVT2002 Datasheet
217Kb / 23P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
NVT2002 NXP-NVT2002 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - NVT2002DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
NXP Semiconductors
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
Bidirectional voltage level translator for open-drain and push-pull applications
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com