Electronic Components Datasheet Search
  English  ▼

X  

IW416 Datasheet (PDF) - NXP Semiconductors

IW416 Datasheet PDF - NXP Semiconductors
Part # IW416
Download  IW416 Download
File Size   1372.9 Kbytes
Page   117 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2 Combo SoC

IW416 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW416 Datasheet PDF - NXP Semiconductors

Part # IW416
Download  IW416 Click to download

File Size   1372.9 Kbytes
Page   117 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2 Combo SoC

IW416 Datasheet (HTML) - NXP Semiconductors


IW416 Product details

1 Product overview
The IW416 is a highly integrated Wi-Fi 4 and Bluetooth 5.2 System-on-Chip (SoC) enabling a low-cost
connectivity solution. Supporting a 1x1 SISO Wi-Fi operation in the 2.4 GHz and the 5 GHz band, the SoC
provides a full-feature Wi-Fi subsystem with a peak PHY date rate of 150 Mbit/s. In addition to classic Bluetooth features, the IW416 enables Bluetooth 5.2 capabilities including Low Energy (LE), LE long range, LE 2 Mbps, and Periodic Advertising Sync Transfer (PAST). With integrated transmit (Tx) PAs, receive (Rx) LNAs and Tx/Rx switches for the Wi-Fi and Bluetooth radios, the IW416 simplifies design allowing quick integration of either dual or single-antenna operation. The dual-antenna
configuration enables simultaneous Wi-Fi and Bluetooth operation. With the single-antenna configuration,
simultaneous 5 GHz Wi-Fi and Bluetooth is supported. In the 2.4 GHz band, the single-antenna configuration allows arbitrated transmit and receive operation of Wi-Fi and Bluetooth.
Promoting synergistic operation, the IW416 implements advanced Wi-Fi and Bluetooth co-existence hardware in conjunction with algorithms to optimize collaborative performance. In addition, support for external radio coexistence is provided through an external interface. Available in both HVQFN68 and WLCSP76 packages with two operating temperature ranges of 0 to 70°C and -40 to 85°C, the IW416 supports a SDIO host interface for the Wi-Fi radio and a UART host interface for Bluetooth radio.

1.1 Applications
• Smart home: Voice assist device, smart printer, smart speaker, home automation gateway, and IP camera
• Industrial and building automation
• Asset management
• Retail/POS
• Healthcare and medical devices
• Smart city
1.2 Wi-Fi key features
• Support 802.11 a/b/g/n
• Dual band: 2.4 GHz and 5 GHz
• Single stream 802.11n with 20 MHz and 40 MHz channels
• Up to MCS7 data rates (150 Mbit/s)
• Dynamic Rapid Channel Switching (DRCS) for simultaneous operation in 2.4 GHz and 5 GHz bands
• Packet Traffic Arbiter (PTA) interface to coexist with an external radios. The external radio can be 802.15.4 or
other radios.
• Security: WPA3, WPA2, WPA2-WPA mixed mode
1.3 Bluetooth key features
• Supports Bluetooth 5.1 (Class 1/Class 2) and Bluetooth Low Energy features
• Bluetooth 5.2 certified
• Long range - 4x coverage
• 2 Mbit/s data rate - 2x faster
• Improved advertisement capability - enables more IoT services
• I2S and PCM audio interfaces
• AES security1




Similar Part No. - IW416

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
IW416HN/A1CK NXP-IW416HN/A1CK Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
IW416HN/A1CMP NXP-IW416HN/A1CMP Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
IW416HN/A1IK NXP-IW416HN/A1IK Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
IW416HN/A1IMP NXP-IW416HN/A1IMP Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
More results


Similar Description - IW416

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
NXP Semiconductors
88W8987-SDS NXP-88W8987-SDS Datasheet
1Mb / 88P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 2-21 May 2021
88W8801-SDS NXP-88W8801-SDS Datasheet
674Kb / 57P
2.4 GHz Single-band 1x1 Wi-Fi 4 Solution
Rev. 2-14 December 2020
88W8977-SDS NXP-88W8977-SDS Datasheet
945Kb / 81P
2.4 GHz/5 GHz Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2Combo SoC
Rev. 3-13 May 2021
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
88W8987-SDS NXP-88W8987-SDS_V01 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev.3-15 September2021
88W8987_SDS NXP-88W8987_SDS_V01 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 4?? May 2022
88W8987_SDS NXP-88W8987_SDS_V02 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 5 - 11 November 2022
88W8987_SDS NXP-88W8987_SDS_V03 Datasheet
1Mb / 91P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 6 - 2 December 2022
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com