Electronic Components Datasheet Search
  English  ▼

X  

74LVC162245APVG Datasheet (PDF) - Renesas Technology Corp

74LVC162245APVG Datasheet PDF - Renesas Technology Corp
Part # 74LVC162245APVG
Download  74LVC162245APVG Download
File Size   315.17 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O

74LVC162245APVG Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC162245APVG Datasheet PDF - Renesas Technology Corp

Part # 74LVC162245APVG
Download  74LVC162245APVG Click to download

File Size   315.17 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O

74LVC162245APVG Datasheet (HTML) - Renesas Technology Corp


74LVC162245APVG Product details

FEATURES:
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• VCC = 3.3V ± 0.3V, Normal Range
• VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4μ W typ. static)
• All inputs, outputs, and I/O are 5V tolerant
• Available in SSOP and TSSOP packages




Similar Part No. - 74LVC162245APVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74LVC162245APVG IDT-74LVC162245APVG Datasheet
122Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVC162245APVG8 IDT-74LVC162245APVG8 Datasheet
122Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER
More results


Similar Description - 74LVC162245APVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC16245A IDT-IDT74LVC16245A Datasheet
90Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCH16245A IDT-IDT74LVCH16245A Datasheet
91Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVC162245A IDT-IDT74LVC162245A Datasheet
92Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCR162245A IDT-IDT74LVCR162245A Datasheet
95Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC16245APAG IDT-IDT74LVC16245APAG Datasheet
99Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
IDT74LVC162245A IDT-IDT74LVC162245A_08 Datasheet
1Mb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH16245A IDT-IDT74LVCH16245A_08 Datasheet
825Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVC16245A RENESAS-IDT74LVC16245A Datasheet
324Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
JULY 2015
IDT74LVCH16245A RENESAS-IDT74LVCH16245A Datasheet
471Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
IDT74LVCR162245A RENESAS-IDT74LVCR162245A Datasheet
275Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com