Electronic Components Datasheet Search
  English  ▼

X  

LD2AU-12FP Datasheet (PDF) - RAYEX ELECTRONICS CO., LTD

LD2AU-12FP Datasheet PDF - RAYEX ELECTRONICS CO., LTD
Part # LD2AU-12FP
Download  LD2AU-12FP Download
File Size   482.02 Kbytes
Page   2 Pages
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD
Description LD SERIES

LD2AU-12FP Datasheet (PDF)

Go To PDF Page Download Datasheet
LD2AU-12FP Datasheet PDF - RAYEX ELECTRONICS CO., LTD

Part # LD2AU-12FP
Download  LD2AU-12FP Click to download

File Size   482.02 Kbytes
Page   2 Pages
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD
Description LD SERIES

LD2AU-12FP Datasheet (HTML) - RAYEX ELECTRONICS CO., LTD


LD2AU-12FP Product details

FEATURES
•30A switching use relay at ambient temperature of 85°
•Solder lug (quick connect) and PCB terminals are available
for customer's selection.
•Contact form: 1 form C, 1 Form B, 1 Form A, and 2 Form A
•Using at automotives, direct connection with cell motors,
transmission, and anti-locking braking system.




Similar Part No. - LD2AU-12FP

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
LD2.5CHA WAVELENGTH-LD2.5CHA Datasheet
2Mb / 23P
Low Noise up to 15 A / 28 V Laser Diode Drivers
October 2024
logo
AVX Corporation
LD20 AVX-LD20 Datasheet
55Kb / 2P
Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD20 AVX-LD20 Datasheet
52Kb / 2P
High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
logo
List of Unclassifed Man...
LD20 ETC2-LD20 Datasheet
326Kb / 6P
Low flow sensing up to 1200 ml/h (20 ml/min)
logo
MORNSUN Science& Techno...
LD20-10B03 MORNSUN-LD20-10B03 Datasheet
424Kb / 6P
AC/DC Converter
More results


Similar Description - LD2AU-12FP

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDAV521E1 NICHIA-NDAV521E1 Datasheet
360Kb / 2P
LD Slot Module
NUV101E NICHIA-NUV101E Datasheet
244Kb / 2P
LD Slot Module
NUV102E NICHIA-NUV102E Datasheet
206Kb / 2P
LD Slot Module
logo
Mitsubishi Electric Sem...
ML501P73 MITSUBISHI-ML501P73 Datasheet
166Kb / 5P
ML5xx73 LD SERIES
ML60171C MITSUBISHI-ML60171C Datasheet
101Kb / 5P
ML6xx71 LD SERIES
logo
Weidmuller
0222760001 WEIDMULLER-0222760001 Datasheet
474Kb / 2P
ASK 1EN/LD, KDKS 1EN/LD and KDKS 1PE/LD Indicating Fuse Terminal Blocks
logo
NICHIA CORPORATION
NUV203E NICHIA-NUV203E Datasheet
373Kb / 2P
LD Receptacle Module
NUU102E NICHIA-NUU102E_16 Datasheet
109Kb / 2P
LD Slot Module
NUV101E NICHIA-NUV101E_16 Datasheet
105Kb / 2P
LD Slot Module
NUV102E NICHIA-NUV102E_16 Datasheet
113Kb / 2P
LD Slot Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com