Electronic Components Datasheet Search
  English  ▼

X  

74FCT20807PYI Datasheet (PDF) - Renesas Technology Corp

74FCT20807PYI Datasheet PDF - Renesas Technology Corp
Part # 74FCT20807PYI
Download  74FCT20807PYI Download
File Size   217.62 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V CMOS 1-TO-10 CLOCK DRIVER

74FCT20807PYI Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT20807PYI Datasheet PDF - Renesas Technology Corp

Part # 74FCT20807PYI
Download  74FCT20807PYI Click to download

File Size   217.62 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V CMOS 1-TO-10 CLOCK DRIVER

74FCT20807PYI Datasheet (HTML) - Renesas Technology Corp


74FCT20807PYI Product details

FEATURES:
• High frequency > 150MHz
• Guaranteed low skew < 150ps (max.) between any two outputs
• Very low duty cycle distortion < 300ps
• High speed: propagation delay < 3ns
• Very low CMOS power levels
• TTL compatible inputs and outputs
• 1:10 fanout
• Maximum output rise and fall time < 1.25ns (max.)
• Low input capacitance: 3pF typical
• 2.5V supply voltage
• Available in SSOP and QSOP packages




Similar Part No. - 74FCT20807PYI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT20807PYGI IDT-74FCT20807PYGI Datasheet
61Kb / 6P
2.5V CMOS 1-TO-10 CLOCK DRIVER
More results


Similar Description - 74FCT20807PYI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805 Datasheet
63Kb / 7P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20805A ALSC-ASM2P20805A Datasheet
486Kb / 11P
2.5V CMOS Dual 1-To-5 Clock Driver
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20805A PULSECORE-PCS2P20805A Datasheet
466Kb / 11P
2.5V CMOS Dual 1-To-5 Clock Driver
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805_09 Datasheet
71Kb / 8P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com