Electronic Components Datasheet Search
  English  ▼

X  

IDT70P5258ML Datasheet (PDF) - Renesas Technology Corp

IDT70P5258ML Datasheet PDF - Renesas Technology Corp
Part # IDT70P5258ML
Download  IDT70P5258ML Download
File Size   353.72 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 8K x 16 TriPort STATIC RAM

IDT70P5258ML Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT70P5258ML Datasheet PDF - Renesas Technology Corp

Part # IDT70P5258ML
Download  IDT70P5258ML Click to download

File Size   353.72 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 8K x 16 TriPort STATIC RAM

IDT70P5258ML Datasheet (HTML) - Renesas Technology Corp


IDT70P5258ML Product details

Features
◆ High-speed access
– Industrial: 55ns (max.)
◆ Low-power operation
– IDT70P5258ML and IDT70P525ML
Active: 54mW (typ.)
Standby: 7.2μW (typ.)
– IDT70V525ML
Active: 450mW (typ.)
Standby: 250μW (typ.)




Similar Part No. - IDT70P5258ML

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P5258ML IDT-IDT70P5258ML Datasheet
115Kb / 14P
HIGH-SPEED 8K x 16 TriPort STATIC RAM
More results


Similar Description - IDT70P5258ML

ManufacturerPart #DatasheetDescription
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
8K X 8 High Speed CMOS Static RAM
logo
Integrated Device Techn...
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT70V25S IDT-IDT70V25S Datasheet
276Kb / 17P
HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
logo
Integrated Silicon Solu...
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT70P5258ML IDT-IDT70P5258ML Datasheet
115Kb / 14P
HIGH-SPEED 8K x 16 TriPort STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com