Electronic Components Datasheet Search
  English  ▼

X  

49FCT805BTPYG Datasheet (PDF) - Renesas Technology Corp

49FCT805BTPYG Datasheet PDF - Renesas Technology Corp
Part # 49FCT805BTPYG
Download  49FCT805BTPYG Download
File Size   243.01 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS BUFFER/CLOCK DRIVER

49FCT805BTPYG Datasheet (PDF)

Go To PDF Page Download Datasheet
49FCT805BTPYG Datasheet PDF - Renesas Technology Corp

Part # 49FCT805BTPYG
Download  49FCT805BTPYG Click to download

File Size   243.01 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS BUFFER/CLOCK DRIVER

49FCT805BTPYG Datasheet (HTML) - Renesas Technology Corp


49FCT805BTPYG Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• Guaranteed low skew < 500ps (max.)
• Very low duty cycle distortion < 600ps (max.)
• Low CMOS power levels
• TTL compatible inputs and outputs
• TTL level output voltage swings
• High drive: -32mA IOH, +48mA IOL
• Two independent output banks with 3-state control
• 1:5 fanout per bank
• "Heartbeat" monitor output
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• Available in the following packages:
– Commercial: QSOP, SOIC, SSOP
– Military: CERDIP, LCC




Similar Part No. - 49FCT805BTPYG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
49FCT805 IDT-49FCT805 Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
49FCT805 IDT-49FCT805 Datasheet
125Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
49FCT805 RENESAS-49FCT805 Datasheet
229Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
49FCT805APYGPYGBLANK IDT-49FCT805APYGPYGBLANK Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
49FCT805APYGPYGI IDT-49FCT805APYGPYGI Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
More results


Similar Description - 49FCT805BTPYG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT804T PERICOM-PI49FCT804T Datasheet
305Kb / 6P
Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
IDT49FCT805CT IDT-IDT49FCT805CT Datasheet
71Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com