Electronic Components Datasheet Search
  English  ▼

X  

105017 Datasheet (PDF) - Molex Electronics Ltd.

105017 Datasheet PDF - Molex Electronics Ltd.
Part # 105017
Download  105017 Download
File Size   126.14 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 0.65mm (.0256”) Pitch Micro-USB Interconnect Solution

105017 Datasheet (PDF)

Go To PDF Page Download Datasheet
105017 Datasheet PDF - Molex Electronics Ltd.

Part # 105017
Download  105017 Click to download

File Size   126.14 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 0.65mm (.0256”) Pitch Micro-USB Interconnect Solution

105017 Datasheet (HTML) - Molex Electronics Ltd.


105017 Product details

FEATURES
-Rear shield of stainless steel shell in standard-mount parts
-Halogen-free receptacles
-Pick & place area (3mm diameter) on connector shell
-0.3mm thick laser-welded stainless-steel shell of receptacle
-Passive latching window with angular tabs on receptacle shell
meets USB 2.0 specification requirements)
-Over-mold process used for receptacles
-Simple edge-contact beam geometry of connector shell
-Lead-in feature on receptacle housing
-Small footprint

BENEFITS
-Provides for EMI protection
-Environment-friendly
-Facilitates smooth assembly process
-Provides high mechanical durability and electrical shielding
-Prevents accidental un-mating of plug during connection
-Increases component mechanical rigidity and terminal retention
-Facilitates high-speed data transmission
-Facilitates easy blind-mating to cable plugs
-Ideal for space-constraint applications




Similar Part No. - 105017

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
105017-0001 MOLEX11-105017-0001 Datasheet
143Kb / 3P
0.65mm (.026") Pitch Micro-USB B Receptacle
1050170001 MOLEX11-1050170001 Datasheet
143Kb / 3P
0.65mm (.026") Pitch Micro-USB B Receptacle
1050170001 MOLEX1-1050170001 Datasheet
34Kb / 2P
Micro-USB B Receptacle, Bottom Mount, Surface Mount, with Solder Tabs, Lead-Free
1050170001 MOLEX1-1050170001_18 Datasheet
34Kb / 2P
Micro-USB B Receptacle, Bottom Mount, Surface Mount, with Solder Tabs, Lead-Free
1050170002 MOLEX1-1050170002 Datasheet
34Kb / 2P
Micro-USB B Receptacle, Bottom Mount, Surface Mount with Solder Tabs, Lead-Free
More results


Similar Description - 105017

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB343133HR AMPHENOL-GSB343133HR Datasheet
78Kb / 1P
Micro-B Receptacle, 0.65mm Pitch, Right Angle, SMT, Standard Type .
logo
Molex Electronics Ltd.
0475900001 MOLEX6-0475900001 Datasheet
137Kb / 3P
0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Top Mount, SMT, Lead Free
0474910001 MOLEX6-0474910001 Datasheet
134Kb / 3P
0.65mm (.026") Pitch Micro-USB B Receptacle, Mid-Mount, SMT, Matte Tin Plated Shell, Lead Free
0474910002 MOLEX6-0474910002 Datasheet
134Kb / 3P
0.65mm (.026") Pitch Micro-USB B Receptacle, Mid-Mount, SMT, Nickel Plated Shell, Lead Free
0476420001 MOLEX6-0476420001 Datasheet
129Kb / 3P
0.65mm (.026") Pitch Micro-USB B Receptacle, Mid-Mount, SMT, with Through Hole Solder Tab, Gold (Au)
0475890001 MOLEX6-0475890001 Datasheet
145Kb / 3P
0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Bottom Mount, SMT, Lead Free
0473460001 MOLEX6-0473460001 Datasheet
114Kb / 3P
0.65mm (.026") Pitch Micro-USB B Receptacle, Bottom Mount, SMT, Lead Free
1050170001 MOLEX11-1050170001 Datasheet
143Kb / 3P
0.65mm (.026") Pitch Micro-USB B Receptacle
logo
Shenzhen Tianyuan Semic...
TP4100 TPOWER-TP4100 Datasheet
397Kb / 6P
Portable USB Fan Solution
logo
Shenzhen Huazhimei Semi...
HM5934 HMSEMI-HM5934 Datasheet
430Kb / 6P
Portable USB Fan Solution
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com