Electronic Components Datasheet Search
  English  ▼

X  

1920 Datasheet (PDF) - IET Labs Inc.

1920 Datasheet PDF - IET Labs Inc.
Part # 1920
Download  1920 Download
File Size   459.94 Kbytes
Page   3 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Precision LCR Meters

1920 Datasheet (PDF)

Go To PDF Page Download Datasheet
1920 Datasheet PDF - IET Labs Inc.

Part # 1920
Download  1920 Click to download

File Size   459.94 Kbytes
Page   3 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Precision LCR Meters

1920 Datasheet (HTML) - IET Labs Inc.


1920 Product details

Features:
• 20 measurement parameters
• Frequency range: 20 Hz to 1 MHz
• Basic measurement accuracy: 0.1%
• Measurement speeds up to 40/sec
• Displays voltage and current
measurements
• Wide measurement range with 5-digit
measurement resolution
• Four-terminal kelvin connections to
maintain measurement integrity
• Programmable dc bias voltage, 0-2V
• Constant voltage (voltage leveling)
• Automatic test sequencing: up to 6
individual tests in one pass
• Menu-driven interface for user-friendly
operation
• Autoranging measurements or
manual hold
• Averaging measurements: up to 1000
• Interfaces: IEEE-488.2, RS-232, and
Handler
• Open/Short zeroing and cablecompensation
• 14 Pass/Fail bins
• Load correction




Similar Part No. - 1920

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1920 ETC2-1920 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Keystone Electronics Co...
1920 KEYSTONE-1920 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
List of Unclassifed Man...
1920.1 ETC2-1920.1 Datasheet
1Mb / 16P
Drywall Punch
logo
Clare, Inc.
19200-00 CLARE-19200-00 Datasheet
189Kb / 7P
Single Driver for GaAs FET Switches and Attenuators
logo
Chicago Miniature Lamp,...
19200000 CML-19200000 Datasheet
265Kb / 1P
LED Indicator 8mm Infrared LED with Optic
More results


Similar Description - 1920

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4980A HP-E4980A Datasheet
602Kb / 36P
Precision LCR Meter
logo
Keysight Technologies
4285A-001 KEYSIGHT-4285A-001 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-002 KEYSIGHT-4285A-002 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-004 KEYSIGHT-4285A-004 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-202 KEYSIGHT-4285A-202 Datasheet
1Mb / 21P
Precision LCR Meter
E4980A-001 KEYSIGHT-E4980A-001 Datasheet
1Mb / 38P
Precision LCR Meter
E4980A-301 KEYSIGHT-E4980A-301 Datasheet
1Mb / 38P
Precision LCR Meter
E4980AL KEYSIGHT-E4980AL Datasheet
1Mb / 38P
Precision LCR Meter
logo
IET Labs Inc.
7600PLUS IET-7600PLUS Datasheet
252Kb / 3P
Precision LCR Meter
March 2017
7660 IET-7660 Datasheet
527Kb / 3P
Precision LCR Meter
February 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com