Electronic Components Datasheet Search
  English  ▼

X  

IDT5P50902 Datasheet (PDF) - Renesas Technology Corp

IDT5P50902 Datasheet PDF - Renesas Technology Corp
Part # IDT5P50902
Download  IDT5P50902 Download
File Size   335.84 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SPREAD SPECTRUM CLOCK SYNTHESIZER

IDT5P50902 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT5P50902 Datasheet PDF - Renesas Technology Corp

Part # IDT5P50902
Download  IDT5P50902 Click to download

File Size   335.84 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SPREAD SPECTRUM CLOCK SYNTHESIZER

IDT5P50902 Datasheet (HTML) - Renesas Technology Corp


IDT5P50902 Product details

Features
• 8-pin DFN package (2x2mm)
8-pin MSOP package (3x4.9mm)
• Provides a spread spectrum output clock
• Input frequency range of 10 to 170 MHz
• Output frequency range of 10 to 170 MHz
• Center and down spread
• Peak reduction by 8 dB to 16 dB typical on 3rd through
19th odd harmonics
• Low EMI feature can be disabled
• Operating voltage of 1.8 V, 2.5 or 3.3V
• RoHS 6 compliant package




Similar Part No. - IDT5P50902

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5P50902 RENESAS-IDT5P50902 Datasheet
303Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV F 082112
More results


Similar Description - IDT5P50902

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
ICS650-44 ICST-ICS650-44 Datasheet
176Kb / 10P
Spread Spectrum Clock Synthesizer
Revision 080305
ICS650-47 ICST-ICS650-47 Datasheet
171Kb / 10P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
27 MHz Spread Spectrum Clock Synthesizer
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Pericom Semiconductor C...
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
27MHz Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
IDT5P50911 RENESAS-IDT5P50911 Datasheet
313Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
070214
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com