Electronic Components Datasheet Search
  English  ▼

X  

LT8650S Datasheet (PDF) - Analog Devices

LT8650S Datasheet PDF - Analog Devices
Part # LT8650S
Download  LT8650S Download
File Size   3712.71 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current

LT8650S Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8650S Datasheet PDF - Analog Devices

Part # LT8650S
Download  LT8650S Click to download

File Size   3712.71 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current

LT8650S Datasheet (HTML) - Analog Devices


LT8650S Product details

FEATURES
- Silent Switcher®2 Architecture:
- Ultralow EMI on Any PCB
- Eliminates PCB Layout Sensitivity
- Internal Bypass Capacitors Reduce Radiated EMI
- Optional Spread Spectrum Modulation
- Exposed Die Package for Heat Sink Mount
- 6A DC from Each Channel Simultaneously
- Up to 8A on Either Channel
- Ultralow Quiescent Current Burst Mode® Operation:
- 6.2μA IQ Regulating 12VIN to 5VOUT1 and 3.3VOUT2
- Output Ripple <10mVP-P
- Optional External VC Pin: Fast Transient Response
and Current Sharing (Extra 50μA IQ/Channel)
- Forced Continuous Mode
- High Efficiency at High Frequency
- 94.6% Efficiency at 2A, 5VOUT from 12VIN at 2MHz
- 93.3% Efficiency at 4A, 5VOUT from 12VIN at 2MHz
- Fast Minimum Switch-On Time: 40ns
- Wide Input Voltage Range: 3.0V to 42V
- Adjustable and Synchronizable: 300kHz to 3MHz
- 4mm × 6mm 32-Lead LQFN Exposed Back Package
- AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
- General Purpose Step-Down
- Automotive and Industrial Supplies

DESCRIPTION
The LT®8650SP is a dual step-down regulator that delivers
up to 6A of continuous current from both channels with a
heat sink and supports loads up to 8A from each channel.
The LT8650SP features second generation Silent Switcher
architecture to minimize EMI emissions while delivering
high efficiency at high switching frequencies. This includes
integration of bypass capacitors to optimize high frequency
current loops and make it easy to achieve advertised EMI
performance by eliminating layout sensitivity. The top of the
package features exposed die for heat sink attach which is
required to meet maximum output current ratings.
The fast, clean, low-overshoot switching edges enable high
efficiency operation even at high switching frequencies,
leading to a small overall solution size. Peak current mode
control with a 40ns minimum on-time allows high step
down ratios at high switching frequencies.
Burst Mode operation features a 6.2μA quiescent current
resulting in high efficiency at low output currents, forced
continuous mode allows fixed switching frequency operation
over the entire output load range, and spread spectrum
operation can further reduce EMI emissions. External VC
pins allow optimal loop compensation for fast transient
response. The VC pins can also be used for current sharing
and the CLKOUT pin enables synchronizing two LT8650SP
chips to generate a 4-phase, 24A supply.




Similar Part No. - LT8650S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8650S LINER-LT8650S Datasheet
394Kb / 6P
Dual Channel 42V, 4A Synchronous Step-Down Silent Switcher with 6.2關A Quiescent Current
logo
Analog Devices
LT8650S AD-LT8650S Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8650S AD-LT8650S Datasheet
4Mb / 40P
5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
02/21-REV.A
LT8650S AD-LT8650S Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LT8650S AD-LT8650S Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
More results


Similar Description - LT8650S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LT8650S LINER-LT8650S Datasheet
394Kb / 6P
Dual Channel 42V, 4A Synchronous Step-Down Silent Switcher with 6.2關A Quiescent Current
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8653S AD-LT8653S Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8645S AD-LT8645S_V01 Datasheet
2Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com