Electronic Components Datasheet Search
  English  ▼

X  

BAV199W Datasheet (PDF) - Nexperia B.V. All rights reserved

BAV199W Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAV199W
Download  BAV199W Download
File Size   221.02 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-leakage double diode

BAV199W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV199W Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAV199W
Download  BAV199W Click to download

File Size   221.02 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-leakage double diode

BAV199W Datasheet (HTML) - Nexperia B.V. All rights reserved


BAV199W Product details

1. General description
Epitaxial, medium-speed switching, double diode in a small SOT323 (SC-70) Surface-Mounted
Device (SMD) plastic package. The diodes are connected in series.

2. Features and benefits
• Small plastic SMD package
• Low leakage current: typ. 3 pA
• Switching time: typ. 0.8 μs
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 500 mA

3. Applications
• Low-leakage current applications in surface mounted circuits




Similar Part No. - BAV199W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199W PHILIPS-BAV199W Datasheet
56Kb / 8P
Low-leakage double diode
1999 May 11
logo
Diodes Incorporated
BAV199W DIODES-BAV199W Datasheet
355Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30462 Rev. 5 - 2
logo
Pan Jit International I...
BAV199W PANJIT-BAV199W Datasheet
56Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
logo
SEMTECH ELECTRONICS LTD...
BAV199W SEMTECH_ELEC-BAV199W Datasheet
212Kb / 2P
LOW LEAKAGE DOUBLE DIODE
logo
NXP Semiconductors
BAV199W NXP-BAV199W Datasheet
226Kb / 8P
Low-leakage double diode
1999 May 11
More results


Similar Description - BAV199W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199 PHILIPS-BAV199 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
BAV170 PHILIPS-BAV170_03 Datasheet
62Kb / 12P
Low-leakage double diode
2003 Mar 25
logo
Guangdong Kexin Industr...
BAV170 KEXIN-BAV170 Datasheet
39Kb / 2P
Low-leakage double diode
BAW156 KEXIN-BAW156 Datasheet
40Kb / 2P
Low-leakage double diode
logo
SEMTECH ELECTRONICS LTD...
BAV199W SEMTECH_ELEC-BAV199W Datasheet
212Kb / 2P
LOW LEAKAGE DOUBLE DIODE
logo
Shenzhen Luguang Electr...
BAV170 LUGUANG-BAV170 Datasheet
228Kb / 3P
Low-leakage Double Diode
logo
Galaxy Semi-Conductor H...
BAV170 BILIN-BAV170_13 Datasheet
164Kb / 4P
Low-leakage double diode
BAV170 BILIN-BAV170_17 Datasheet
129Kb / 4P
Low-leakage double diode
Rev.A
logo
Rectron Semiconductor
BAS416V RECTRON-BAS416V Datasheet
496Kb / 7P
Low-leakage double diode
BAV199V RECTRON-BAV199V Datasheet
143Kb / 7P
Low-leakage double diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com