Electronic Components Datasheet Search
  English  ▼

X  

CSZA150A Datasheet (PDF) - Leshan Radio Company

CSZA150A Datasheet PDF - Leshan Radio Company
Part # CSZA150A
Download  CSZA150A Download
File Size   436.5 Kbytes
Page   5 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State

CSZA150A Datasheet (PDF)

Go To PDF Page Download Datasheet
CSZA150A Datasheet PDF - Leshan Radio Company

Part # CSZA150A
Download  CSZA150A Click to download

File Size   436.5 Kbytes
Page   5 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State

CSZA150A Datasheet (HTML) - Leshan Radio Company


CSZA150A Product details

1. FEATURES
• 1W zener voltage regulator diodes
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
• Guarding for over voltage protection
• Ideal for surface-mount applications
• High temperature soldering guaranteed: 260°C/10 seconds at
terminals
• We declare that the material of product complies with RoHS
requirements and Halogen Free.




Similar Part No. - CSZA150A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
CSZA160A LRC-CSZA160A Datasheet
367Kb / 5P
Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.B Oct. 2022
More results


Similar Description - CSZA150A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_13 Datasheet
279Kb / 7P
1.0 Watt Glass Passivated Junction Silicon Zener Diodes
logo
Leshan Radio Company
SZA6.8A LRC-SZA6.8A Datasheet
185Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SZA2.4A LRC-S-SZA2.4A Datasheet
195Kb / 4P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
SZAF2.4A LRC-SZAF2.4A Datasheet
1Mb / 9P
Zener voltage regulator diodes 1 Watt Steady State
SZBF5.1A LRC-SZBF5.1A Datasheet
213Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 2.0 Watt Steady State
SODZ5.1A-SH LRC-SODZ5.1A-SH Datasheet
1Mb / 11P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SODZ5.1A-SH LRC-S-SODZ5.1A-SH Datasheet
1Mb / 11P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
logo
First Silicon Co., Ltd
SMF4728A FS-SMF4728A Datasheet
145Kb / 4P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes , 1.0 Watt Steady State
SZAF220 FS-SZAF220 Datasheet
144Kb / 4P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.5 Watt Steady State
logo
Leshan Radio Company
S-CSZAXXXA LRC-S-CSZAXXXA Datasheet
367Kb / 5P
Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.B Oct. 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com