Electronic Components Datasheet Search
  English  ▼

X  

VBA1806S Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VBA1806S Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VBA1806S
Download  VBA1806S Download
File Size   747.54 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 80 V (D-S) Super Trench Power MOSFET

VBA1806S Datasheet (PDF)

Go To PDF Page Download Datasheet
VBA1806S Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VBA1806S
Download  VBA1806S Click to download

File Size   747.54 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 80 V (D-S) Super Trench Power MOSFET

VBA1806S Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VBA1806S Product details

FEATURES
• Super Trench technology Power MOSFET
• Excellent gate charge x Rds (on) product(FOM)
• Very low on-resfistance Rds (on)
• 100 % Rg and UIS Tested

APPLICATIONS
• DC/DC Converter
Ideal for hfigh-frequency swfitchfing and
synchronous
•




Similar Part No. - VBA1806S

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBA1805S VBSEMI-VBA1805S Datasheet
756Kb / 9P
N-Channel 80 V (D-S) Super Trench Power MOSFET
VBA1808S VBSEMI-VBA1808S Datasheet
755Kb / 9P
N-Channel 80 V (D-S) Super Trench Power MOSFET
More results


Similar Description - VBA1806S

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4190DY-T1-GE3 VBSEMI-SI4190DY-T1-GE3 Datasheet
1Mb / 9P
N-Channel 100-V (D-S) Super Trench Power MOSFET
VBA1107S VBSEMI-VBA1107S Datasheet
740Kb / 9P
N-Channel 100-V (D-S) Super Trench Power MOSFET
VBA1108S VBSEMI-VBA1108S Datasheet
757Kb / 9P
N-Channel 100-V (D-S) Super Trench Power MOSFET
VBA1805S VBSEMI-VBA1805S Datasheet
756Kb / 9P
N-Channel 80 V (D-S) Super Trench Power MOSFET
VBA1808S VBSEMI-VBA1808S Datasheet
755Kb / 9P
N-Channel 80 V (D-S) Super Trench Power MOSFET
VBA1810S VBSEMI-VBA1810S Datasheet
737Kb / 9P
N-Channel 80 V (D-S) Super Trench Power MOSFET
VBA3638S VBSEMI-VBA3638S Datasheet
760Kb / 9P
Dual N-Channel 60 V (D-S) Super Trench Power MOSFET
VBM1105S VBSEMI-VBM1105S Datasheet
364Kb / 7P
N-Channel 100-V (D-S) Super Trench Power MOSFET
VBM1106S VBSEMI-VBM1106S Datasheet
364Kb / 7P
N-Channel 100-V (D-S) Super Trench Power MOSFET
VBM1107S VBSEMI-VBM1107S Datasheet
364Kb / 7P
N-Channel 100-V (D-S) Super Trench Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com