Electronic Components Datasheet Search
  English  ▼

X  

0603 Datasheet (PDF) - Visual Communications Company

0603 Datasheet PDF - Visual Communications Company
Part # 0603
Download  0603 Download
File Size   483.57 Kbytes
Page   8 Pages
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company
Description SpectraBright Series 0603 Package Size SMD Bi-Color LEDs

0603 Datasheet (PDF)

Go To PDF Page Download Datasheet
0603 Datasheet PDF - Visual Communications Company

Part # 0603
Download  0603 Click to download

File Size   483.57 Kbytes
Page   8 Pages
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company
Description SpectraBright Series 0603 Package Size SMD Bi-Color LEDs

0603 Datasheet (HTML) - Visual Communications Company


0603 Product details

Space-Saving, Multi-Status Indication and Multicolor/Brightness
Options Enhance Design Possibilities.

Key Features
• Package size 0603
• Tape and reel packaged for high-speed auto insertion
• Through-hole, SMD
• Clear lens
• Bi-color: Red/Green
• Enjoy high visibility in a range of working environments thanks to a wide, 120° viewing angle
• High and low intensity options available. Mcd ranging from 15 to 160 mcd
• For custom LED color contact VCC
• MIL-STD-750 D:1026, and MIL-STD-883 D:1005 Standards
• RoHS, REACH Compliant

Application
• Automated Guided Vehicles
• EV Charging Stations
• Navigations Systems
• Industrial Controls
• IoT/Smart Home Systems
• Medical Devices
• Mil-Aero
• Telecom
• Status Indicator




Similar Part No. - 0603

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603 COILCRAFT-0603 Datasheet
224Kb / 2P
Common Mode Choke
logo
Kemet Corporation
0603 KEMET-0603 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Tyco Electronics
0603 MACOM-0603 Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
M/A-COM Technology Solu...
0603 MA-COM-0603 Datasheet
131Kb / 3P
Type CRG Series
logo
Bivar, Inc.
0603 BIVAR-0603 Datasheet
497Kb / 5P
SURFACE MOUNT LED YELLOW, 0603 PACKAGE
Revision A 03/09
More results


Similar Description - 0603

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7017X CML-7017X Datasheet
75Kb / 1P
Surface Mount LEDs 0603 Package Size
logo
P-tec Corporation
PL00182-WCYG2213 P-TEC-PL00182-WCYG2213 Datasheet
32Kb / 1P
Bi-Color SMD LED 1210 Package
PL00283-WCRG2113 P-TEC-PL00283-WCRG2113 Datasheet
31Kb / 1P
SMD LED Bi-Color 1110 Package
PL00283-WCRG2605 P-TEC-PL00283-WCRG2605 Datasheet
34Kb / 1P
SMD LED Bi-Color 1110 Package
logo
Everlight Electronics C...
19-22-R6GHC-C02-2T EVERLIGHT-19-22-R6GHC-C02-2T Datasheet
248Kb / 12P
0603 Package Chip LED with Bi-Color(Multi-Color)
logo
Visual Communications C...
7017X VCC-7017X Datasheet
693Kb / 1P
Surface Mount LEDs 0603 Package Size
logo
HK TO-GRACE TECHNOLOGY ...
19-22-R6GHC-C02-2T TO-GRACE-19-22-R6GHC-C02-2T Datasheet
968Kb / 12P
0603 Package Chip LED with Bi-Color(Multi-Color)
logo
Visual Communications C...
0606 VCC-0606 Datasheet
636Kb / 10P
SpectraBright Series 0606 Package Size SMD RGB and Bi-Color LEDs
11/22
1204 VCC-1204 Datasheet
1Mb / 16P
SpectraBright Series 1204 Package Size SMD RGB & Bi-Color LEDs
11/22
1210 VCC-1210 Datasheet
555Kb / 9P
SpectraBright Series 1210 Package Size SMD RGB and Bi-Color LEDs
11/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com