Electronic Components Datasheet Search
  English  ▼

X  

NR8500 Datasheet (PDF) - Renesas Technology Corp

NR8500 Datasheet PDF - Renesas Technology Corp
Part # NR8500
Download  NR8500 Download
File Size   235.6 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PHOTO DIODE

NR8500 Datasheet (PDF)

Go To PDF Page Download Datasheet
NR8500 Datasheet PDF - Renesas Technology Corp

Part # NR8500
Download  NR8500 Click to download

File Size   235.6 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PHOTO DIODE

NR8500 Datasheet (HTML) - Renesas Technology Corp


NR8500 Product details

f50 mm InGaAs APD COAXIAL MODULE
FOR 622 Mb/s, 156 Mb/s FIBEROPTIC COMMUNICATIONS

DESCRIPTION
The NR8500 Series is an InGaAs avalanche photo diode (APD) coaxial module with optical fiber pigtail. This
module is designed for long wavelength optical communication systems and ideal as a receiver for Synchronous
Digital Hierarchy (SDH) system, STM-4 and STM-1, ITU-T recommendations.
FEATURES
• Small dark current ID = 7 nA
• High sensitivity S = 0.94 A/W @ l = 1 310 nm, M = 1
S = 0.96 A/W @ l = 1 550 nm, M = 1
• High speed response fC = 1.5 GHz @ M = 10
• Coaxial module with SMF or GI-50 fiber
• With SC connector : standard, FC connector : option
(Refer to ORDERING INFORMATION)




Similar Part No. - NR8500

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR8500 CEL-NR8500 Datasheet
206Kb / 5P
NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR8500BP CEL-NR8500BP Datasheet
212Kb / 5P
NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR8500CP-BC-AZ CEL-NR8500CP-BC-AZ Datasheet
206Kb / 5P
NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR8500CP-BC-AZ CEL-NR8500CP-BC-AZ Datasheet
212Kb / 5P
NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR8500CP-CC-AZ CEL-NR8500CP-CC-AZ Datasheet
206Kb / 5P
NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
More results


Similar Description - NR8500

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD7030 MARKTECH-MTD7030 Datasheet
67Kb / 2P
PHOTO DIODE
MTD3010PM MARKTECH-MTD3010PM_2 Datasheet
151Kb / 1P
Photo Diode
logo
KODENSHI_AUK CORP.
SPI5842 KODENSHI-SPI5842 Datasheet
150Kb / 4P
Photo Diode
logo
Marktech Corporate
MTD1114M3B MARKTECH-MTD1114M3B_15 Datasheet
551Kb / 3P
Photo Diode
MTD5010N MARKTECH-MTD5010N_15 Datasheet
640Kb / 3P
Photo Diode
MTD6100PT MARKTECH-MTD6100PT_15 Datasheet
561Kb / 3P
Photo Diode
logo
Renesas Technology Corp
NDL5461P RENESAS-NDL5461P Datasheet
193Kb / 10P
PHOTO DIODE
1994
NDL5481P RENESAS-NDL5481P Datasheet
195Kb / 10P
PHOTO DIODE
1994
NDL5506P RENESAS-NDL5506P Datasheet
185Kb / 1P
PHOTO DIODE
1993
NDL5531P RENESAS-NDL5531P Datasheet
203Kb / 10P
PHOTO DIODE
1996
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com