Electronic Components Datasheet Search
  English  ▼

X  

74279266 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

74279266 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 74279266
Download  74279266 Download
File Size   589.25 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-CBF SMT EMI Suppression Ferrite Bead

74279266 Datasheet (PDF)

Go To PDF Page Download Datasheet
74279266 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74279266
Download  74279266 Click to download

File Size   589.25 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-CBF SMT EMI Suppression Ferrite Bead

74279266 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


74279266 Product details

General Information:
Do not use this part beyond the Rated Current as this will create excessive heat and can harm the
component
Operating Temperature -55 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 74279266

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74279266 WURTH-74279266 Datasheet
150Kb / 2P
Multilayer-SMD-Ferrite
742792662 WURTH-742792662 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
742792663 WURTH-742792663 Datasheet
150Kb / 2P
Multilayer-SMD-Ferrite
742792664 WURTH-742792664 Datasheet
1Mb / 7P
WE-CBF SMD EMI Suppression Ferrite Bead
742792664 WURTH-742792664 Datasheet
562Kb / 7P
WE-CBF SMT EMI Suppression Ferrite Bead
005.000
More results


Similar Description - 74279266

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
742792030 WURTH-742792030 Datasheet
647Kb / 8P
WE-CBF SMT EMI Suppression Ferrite Bead
001.000
74279217 WURTH-74279217 Datasheet
566Kb / 7P
WE-CBF SMT EMI Suppression Ferrite Bead
001.003
74279246 WURTH-74279246 Datasheet
608Kb / 7P
WE-CBF SMT EMI Suppression Ferrite Bead
001.000
742792017 WURTH-742792017 Datasheet
559Kb / 7P
WE-CBF SMT EMI Suppression Ferrite Bead
001.003
7427928161 WURTH-7427928161 Datasheet
944Kb / 8P
WE-CBF SMT EMI Suppression Ferrite Bead
001.001
7427928251 WURTH-7427928251 Datasheet
951Kb / 8P
WE-CBF SMT EMI Suppression Ferrite Bead
001.001
7427928551 WURTH-7427928551 Datasheet
952Kb / 8P
WE-CBF SMT EMI Suppression Ferrite Bead
001.001
7427928801 WURTH-7427928801 Datasheet
950Kb / 8P
WE-CBF SMT EMI Suppression Ferrite Bead
001.001
742792641 WURTH-742792641_V01 Datasheet
589Kb / 8P
WE-CBF SMT EMI Suppression Ferrite Bead
005.010
742792651 WURTH-742792651_V01 Datasheet
562Kb / 7P
WE-CBF SMT EMI Suppression Ferrite Bead
005.010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com