Electronic Components Datasheet Search
  English  ▼

X  

BAT54L Datasheet (PDF) - Nexperia B.V. All rights reserved

BAT54L Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAT54L
Download  BAT54L Download
File Size   162.37 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Schottky barrier diode

BAT54L Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT54L Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAT54L
Download  BAT54L Click to download

File Size   162.37 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Schottky barrier diode

BAT54L Datasheet (HTML) - Nexperia B.V. All rights reserved


BAT54L Product details

1. General description
Planar Schottky barrier diode encapsulated in a SOD882 leadless ultra small plastic package.

2. Features and benefits
• Low forward voltage
• Leadless ultra small plastic package (1 mm x 0.6 mm x 0.5 mm)
• Boardspace 1.17 mm² (approx. 10pct of SOT23)
• Power dissipation comparable to SOT23.
• AEC-Q101 qualified

3. Applications
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Mobile communication, digital (still) cameras, PDAs and PCMCIA cards.




Similar Part No. - BAT54L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54L PHILIPS-BAT54L Datasheet
48Kb / 8P
Schottky barrier diode
2003 Jun 23
BAT54L NXP-BAT54L Datasheet
176Kb / 7P
Schottky barrier diode
2003 Jun 23
logo
ON Semiconductor
BAT54L ONSEMI-BAT54L Datasheet
87Kb / 4P
Schottky Barrier Diodes
October, 2016 ??Rev. 14
logo
Galaxy Semi-Conductor H...
BAT54L BILIN-BAT54L Datasheet
169Kb / 3P
Schottky Barrier Diode
logo
FutureWafer Tech Co.,Lt...
BAT54L FUTUREWAFER-BAT54L Datasheet
1Mb / 15P
Surface Mount Schottky Barrier Diode
07-DEC-2021 V 2.1
More results


Similar Description - BAT54L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com