Electronic Components Datasheet Search
  English  ▼

X  

SD10P277AR-TL Datasheet (PDF) - ABLE Power Products

SD10P277AR-TL Datasheet PDF - ABLE Power Products
Part # SD10P277AR-TL
Download  SD10P277AR-TL Download
File Size   989.24 Kbytes
Page   1 Pages
Manufacturer  ABLEPOWERPRODUCTS [ABLE Power Products]
Direct Link  https://ablepowerproducts.com/
Logo ABLEPOWERPRODUCTS - ABLE Power Products
Description 3-Pin/7-Pin Surge Protected Receptacle for

SD10P277AR-TL Datasheet (PDF)

Go To PDF Page Download Datasheet
SD10P277AR-TL Datasheet PDF - ABLE Power Products

Part # SD10P277AR-TL
Download  SD10P277AR-TL Click to download

File Size   989.24 Kbytes
Page   1 Pages
Manufacturer  ABLEPOWERPRODUCTS [ABLE Power Products]
Direct Link  https://ablepowerproducts.com/
Logo ABLEPOWERPRODUCTS - ABLE Power Products
Description 3-Pin/7-Pin Surge Protected Receptacle for

SD10P277AR-TL Datasheet (HTML) - ABLE Power Products


SD10P277AR-TL Product details

Features
• UL 1449 4th Edition
• L-N, L-G, N-G protection (3 Mode Protection)
• OEM Design-in Application
• Optional GDT/MOV hybrid circuit
• Compatible with standard Photocontrol and Shorting Caps
• Diagnostic light
Applications
• Highway & Street Lighting
• Parking Lots & Garages
• Bus & Train Depot Lighting
• Digital Signs & Billboards
• Paths & Walkways
• Parks & Stadiums




Similar Part No. - SD10P277AR-TL

ManufacturerPart #DatasheetDescription
logo
ABLE Power Products
SD10P277AE-4TL ABLEPOWERPRODUCTS-SD10P277AE-4TL Datasheet
937Kb / 1P
FAST PLUG-IN SURGE PROTECTION WITH EXTERNAL GROUND-RETROFIT SERIES
Revised 7/6/2020
SD10P277AE-TL ABLEPOWERPRODUCTS-SD10P277AE-TL Datasheet
937Kb / 1P
FAST PLUG-IN SURGE PROTECTION WITH EXTERNAL GROUND-RETROFIT SERIES
Revised 7/6/2020
SD10P277AS-TC ABLEPOWERPRODUCTS-SD10P277AS-TC Datasheet
792Kb / 1P
Shorting Cap Surge Protector With External Ground Wire
Revised 7/6/2020
More results


Similar Description - SD10P277AR-TL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1400ADL LITTELFUSE-P1400ADL Datasheet
144Kb / 2P
High Surge Current Two-pin SIDACtor
P6002ADL LITTELFUSE-P6002ADL Datasheet
146Kb / 2P
High Surge Current Three-pin SIDACtor
logo
Central Technologies
CT-64993F CT-CT-64993F Datasheet
498Kb / 2P
ISDN S-Interface 6 Pin, 7 Pin, 8 Pin DIP
logo
NEC
UPD8355 NEC-UPD8355 Datasheet
262Kb / 6P
pin for pin compatible
logo
Alpha Wire
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
219 ALPHAWIRE-219 Datasheet
173Kb / 2P
Mini 7/8" Male 3 Pin Field Attachable
logo
DAICO Industries, Inc.
DAT76191 DAICO-DAT76191 Datasheet
194Kb / 1P
PIN Diode 7 Section Attenuator
logo
List of Unclassifed Man...
35C5 ETC1-35C5 Datasheet
162Kb / 4P
7-PIN NINIATURE TYPE
logo
Amphenol Corporation
AT04-3P-XXX AMPHENOL-AT04-3P-XXX Datasheet
246Kb / 2P
RECEPTACLE, 3 PIN, AT SERIES
A4
logo
Amphenol Sine Systems C...
ATM04-3P-XXX ASS-ATM04-3P-XXX Datasheet
332Kb / 2P
RECEPTACLE, 3 PIN, ATM SERIES
Rev. A3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com