Electronic Components Datasheet Search
  English  ▼

X  

YD1013B Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD1013B Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD1013B
Download  YD1013B Download
File Size   151.27 Kbytes
Page   3 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description 4W YD1013B

YD1013B Datasheet (PDF)

Go To PDF Page Download Datasheet
YD1013B Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD1013B
Download  YD1013B Click to download

File Size   151.27 Kbytes
Page   3 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description 4W YD1013B

YD1013B Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD1013B Product details

Overview and characteristics

The YD1013B is a 4W audio power amplifier with DC volume control for use in color televisions and recorders.

Its main features are:

• Volume control through the PIN7 pin DC potential to achieve, 2V ~ 6.5V 80dB range can be adjusted.

• Operating voltage range: 10V ~ 40V.

• Output power: Po = 4W (Vcc = 18V, RL = 8Ω, THD = 10%)

• Fewer external components

• Built-in thermal protection

• Using FSIP9 package,



 




Similar Part No. - YD1013B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
YD10 VISHAY-YD10 Datasheet
129Kb / 3P
AC Line Rated Disc Capacitors
14-May-02
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
22W HI-FI AUDIO POWER AMPLIFIER
YD1028 YOUDA-YD1028 Datasheet
103Kb / 6P
18W CAR RADIO POWER AMPLIFIER
More results


Similar Description - YD1013B

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD4000AF FILTRONIC-FPD4000AF Datasheet
708Kb / 9P
4W PACKAGED POWER PHEMT
FPD4000V FILTRONIC-FPD4000V Datasheet
243Kb / 3P
4W POWER PHEMT
logo
Everlight Electronics C...
JU1215-KM407K4-09804-450T EVERLIGHT-JU1215-KM407K4-09804-450T Datasheet
1Mb / 27P
9V/4W 3S8P Series
JU1215-KT507K6-09804-450T EVERLIGHT-JU1215-KT507K6-09804-450T Datasheet
1Mb / 27P
9V/4W 3S8P Series
JU1215-KT577K6-09804-450T EVERLIGHT-JU1215-KT577K6-09804-450T Datasheet
1Mb / 27P
9V/4W 3S8P Series
XUAN1313-KM407N3-36204 EVERLIGHT-XUAN1313-KM407N3-36204 Datasheet
1Mb / 24P
36V/4W series
XUAN1313-KM457N3-36204 EVERLIGHT-XUAN1313-KM457N3-36204 Datasheet
1Mb / 24P
36V/4W series
XUAN1313-KT507N3-36204 EVERLIGHT-XUAN1313-KT507N3-36204 Datasheet
1Mb / 24P
36V/4W series
XUAN1313-KT577N3-36204 EVERLIGHT-XUAN1313-KT577N3-36204 Datasheet
1Mb / 24P
36V/4W series
November.27.2013
XUAN1313-KT657N3-36204 EVERLIGHT-XUAN1313-KT657N3-36204 Datasheet
1Mb / 24P
36V/4W series
November.27.2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com