Electronic Components Datasheet Search
  English  ▼

X  

ZWIR4512DEVKITV2 Datasheet (PDF) - Renesas Technology Corp

ZWIR4512DEVKITV2 Datasheet PDF - Renesas Technology Corp
Part # ZWIR4512DEVKITV2
Download  ZWIR4512DEVKITV2 Download
File Size   1032.07 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Secure Low-Power Wireless IPv6 Module

ZWIR4512DEVKITV2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZWIR4512DEVKITV2 Datasheet PDF - Renesas Technology Corp

Part # ZWIR4512DEVKITV2
Download  ZWIR4512DEVKITV2 Click to download

File Size   1032.07 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Secure Low-Power Wireless IPv6 Module

ZWIR4512DEVKITV2 Datasheet (HTML) - Renesas Technology Corp


ZWIR4512DEVKITV2 Product details

Hardware Features
 License-free 868/915MHz frequency bands
 ARM® Cortex™-M3 32-bit microcontroller
 192kB flash and 32kB RAM for user applications
 Unique EUI64 address
 4 channels in EU mode; 10 channels in US mode
 19 (ZWIR4512AC1) or 21 (ZWIR4512AC2) GPIOs with
multiplexed peripheral functions:
 2 x UART, SPI, 3 x ADC, 2 x DAC, 11 x PWM, USB, CAN,
I2C, 8 x timer
 Several 5V tolerant I/Os available
 Low current consumption: 3.5μA in Standby Mode; 10.5mA in
Receive Mode; 16.0mA in Transmit Mode at 0dBm
 Modulation schemes
 BPSK (20kBps EU, 40kBps US)
 O-QPSK (100kBps EU, 250kBps US)
 Receiver sensitivity: up to -110dBm
 TX output power: up to 10dBm (US Mode)
 Uniquely simple programmability
 Standard-compliant security solution
 No need for external microcontroller
 Plug-and-play integration into local and wide-area networks
 No RF design required
 2D barcode label containing MAC address
 Superior radio propagation
 ETSI/FCC certified
 Supply voltage: 2.0V to 3.6V
 Operating temperature: -40°C to +85°C
 30-pin edge-board contact package or 32-pin land grid array
package




Similar Part No. - ZWIR4512DEVKITV2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZWIR4512DEVKITV2 IDT-ZWIR4512DEVKITV2 Datasheet
1Mb / 28P
Secure Low-Power Wireless IPv6 Module
More results


Similar Description - ZWIR4512DEVKITV2

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300I KYL-KYL-300I_1 Datasheet
157Kb / 11P
Low Power Wireless Transceiver Data Module
KYL-300L KYL-KYL-300L_1 Datasheet
231Kb / 15P
Low Power Wireless Transceiver Data Module
logo
List of Unclassifed Man...
ZWIR4512 ETC2-ZWIR4512 Datasheet
1,012Kb / 26P
Secure Low-Power Wireless IPv6 Module
TWS-900C ETC2-TWS-900C Datasheet
481Kb / 15P
Wireless Low Power RF Transmitter Module (GFSK)
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
Wireless Low Power Transceiver RF Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
Wireless Low Power Transceiver RF Module
logo
Integrated Device Techn...
ZWIR4512 IDT-ZWIR4512 Datasheet
429Kb / 27P
Secure Low-Power Wireless IPv6 Module
ZWIR4512 IDT-ZWIR4512_18 Datasheet
1Mb / 28P
Secure Low-Power Wireless IPv6 Module
logo
NXP Semiconductors
K32W1480 NXP-K32W1480 Datasheet
1Mb / 90P
Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
Rev. 3 - 12/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com