Electronic Components Datasheet Search
  English  ▼

X  

PMV60ENEAR Datasheet (PDF) - Nexperia B.V. All rights reserved

PMV60ENEAR Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMV60ENEAR
Download  PMV60ENEAR Download
File Size   272.99 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, N-channel Trench MOSFET

PMV60ENEAR Datasheet (PDF)

Go To PDF Page Download Datasheet
PMV60ENEAR Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMV60ENEAR
Download  PMV60ENEAR Click to download

File Size   272.99 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, N-channel Trench MOSFET

PMV60ENEAR Datasheet (HTML) - Nexperia B.V. All rights reserved


PMV60ENEAR Product details

1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT23 (TO-236AB)
Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

2. Features and benefits
• Logic-level compatible
• Extended temperature range Tj = 175 °C
• Trench MOSFET technology
• ElectroStatic Discharge (ESD) protection > 1.5 kV HBM (class H1C)
• AEC-Q101 qualified

3. Applications
• Relay driver
• High-speed line driver
• Low-side load switch
• Switching circuits




Similar Part No. - PMV60ENEAR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMV60EN PHILIPS-PMV60EN Datasheet
238Kb / 12P
UTrenchMOS enhanced logic level FET
Rev. 01-15 January 2003
PMV60EN PHILIPS-PMV60EN Datasheet
259Kb / 12P
mu TrenchMOS enhanced logic level FET
Rev. 01-15 January 2003
logo
ZP Semiconductor
PMV60EN ZPSEMI-PMV60EN Datasheet
207Kb / 3P
mTrenchMOS??enhanced logic level FET
logo
VBsemi Electronics Co.,...
PMV60EN VBSEMI-PMV60EN Datasheet
475Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMV60EN NEXPERIA-PMV60EN Datasheet
342Kb / 13P
TrenchMOS™ enhanced logic level FET
Rev. 01 - 15 January 2003
More results


Similar Description - PMV60ENEAR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMV130ENEA PHILIPS-PMV130ENEA_15 Datasheet
253Kb / 16P
40 V, N-channel Trench MOSFET
12 June 2014
logo
Nexperia B.V. All right...
PMV130ENEA NEXPERIA-PMV130ENEA Datasheet
273Kb / 15P
40 V, N-channel Trench MOSFET
PMV65ENEA NEXPERIA-PMV65ENEA Datasheet
721Kb / 16P
40 V, N-channel Trench MOSFET
BUK6D120-40E NEXPERIA-BUK6D120-40E Datasheet
288Kb / 15P
40 V, N-channel Trench MOSFET
29 April 2019
BUK6D30-40E NEXPERIA-BUK6D30-40E Datasheet
294Kb / 14P
40 V, N-channel Trench MOSFET
11 March 2020
PMN20ENA NEXPERIA-PMN20ENA Datasheet
294Kb / 13P
40 V, N-channel Trench MOSFET
30 April 2019
PMN30ENEA NEXPERIA-PMN30ENEA Datasheet
263Kb / 14P
40 V N-channel Trench MOSFET
2 April 2019
PMV30ENEA NEXPERIA-PMV30ENEA Datasheet
259Kb / 14P
40 V N-channel Trench MOSFET
2 April 2019
BUK6D23-40E NEXPERIA-BUK6D23-40E Datasheet
289Kb / 15P
40 V, N-channel Trench MOSFET
13 December 2017
PMPB14XN NEXPERIA-PMPB14XN Datasheet
311Kb / 14P
40 V, N-channel Trench MOSFET
11 March 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com