Electronic Components Datasheet Search
  English  ▼

X  

NDL7705P1 Datasheet (PDF) - Renesas Technology Corp

NDL7705P1 Datasheet PDF - Renesas Technology Corp
Part # NDL7705P1
Download  NDL7705P1 Download
File Size   214.65 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE

NDL7705P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NDL7705P1 Datasheet PDF - Renesas Technology Corp

Part # NDL7705P1
Download  NDL7705P1 Click to download

File Size   214.65 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE

NDL7705P1 Datasheet (HTML) - Renesas Technology Corp


NDL7705P1 Product details

1 500 nm OPTICAL FIBER COMMUNICATIONS
InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
FEATURES
• Peak emission wavelength p = 1 550 nm
• Optical output power Pf = 2.0 mW
• Wide operating temperature range TC = 40 to +85 C
• /4-phase-shifted DFB
• InGaAs monitor PIN-PD
• Internal optical isolator




Similar Part No. - NDL7705P1

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7705P1 NEC-NDL7705P1 Datasheet
82Kb / 8P
1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7705P1 NEC-NDL7705P1 Datasheet
48Kb / 4P
1500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7705P1C NEC-NDL7705P1C Datasheet
82Kb / 8P
1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7705P1C NEC-NDL7705P1C Datasheet
48Kb / 4P
1500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7705P1D NEC-NDL7705P1D Datasheet
82Kb / 8P
1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
More results


Similar Description - NDL7705P1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
LASER DIODE
1995
NDL7515P RENESAS-NDL7515P Datasheet
190Kb / 10P
LASER DIODE
1996
NDL7540PA RENESAS-NDL7540PA Datasheet
195Kb / 10P
LASER DIODE
1995
NDL7563P RENESAS-NDL7563P Datasheet
195Kb / 10P
LASER DIODE
1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com