Electronic Components Datasheet Search
  English  ▼

X  

TPS54KB2X Datasheet (PDF) - Texas Instruments

TPS54KB2X Datasheet PDF - Texas Instruments
Part # TPS54KB2X
Download  TPS54KB2X Download
File Size   2032.53 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter

TPS54KB2X Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54KB2X Datasheet PDF - Texas Instruments

Part # TPS54KB2X
Download  TPS54KB2X Click to download

File Size   2032.53 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter

TPS54KB2X Datasheet (HTML) - Texas Instruments


TPS54KB2X Product details

1 Features
• 4-V to 16-V input voltage range
• 3.13-V to 5.3-V external VCC bias support
• 5.8-mΩ and 2.3-mΩ MOSFETs (VVCC = 3.3 V)
• 25-A continuous output current
• Optimized 16-pin VQFN-HR package for efficiency
and thermal performance
• ±0.5% reference (VREF) for TJ = –40°C to +125°C
• VREF to 5.5-V output voltage range
• Differential remote sense
• D-CAP4 with ultra fast load-step response
• Supports all ceramic output capacitors
• Selectable Auto-skip Eco-mode for high light-load
efficiency
• Programmable current limit with RILIM
• Selectable switching frequency:
800 kHz, 1.1 MHz, 1.4 MHz
• Programmable soft-start time
• Prebiased start-up capability
• Open-drain power-good output
• Valley overcurrent limit protection
• Overvoltage and undervoltage fault protection

2 Applications
• Rack server and blade server
• Hardware accelerator and add-in cards
• Data center switches
• Industrial PC
• Baseband unit (BBU)

3 Description
The TPS54KB2x device is a small, high-efficiency,
synchronous buck converter with an adaptive ontime
D-CAP4 control mode. The control method
provides low minimum on-time and fast load-transient
response across the entire output voltage range
without requiring an external compensation network.
Because external compensation is not required, the
device is easy to use and requires few external
components. The device is well-designed for spaceconstrained
data center applications.
The TPS54KB2x device has differential remote sense,
high-performance integrated MOSFETs, and an
accurate ±0.5% reference over the specified operating
junction temperature range. The device features
accurate load regulation and line regulation, Ecomode
or FCCM operation, programmable settings
through the MSEL pin and programmable soft-start.
The TPS54KB2x device is a lead-free device. The
device is RoHS compliant without exemption.




Similar Part No. - TPS54KB2X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54KB2X TI1-TPS54KB2X Datasheet
2Mb / 51P
TPS54KB2x 4V to 16V Input, 25A, Remote Sense, D-CAP4 Synchronous Buck Converter
FEBRUARY 2024
More results


Similar Description - TPS54KB2X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548A28 TI1-TPS548A28 Datasheet
2Mb / 48P
TPS548A28 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS548A29 TI1-TPS548A29 Datasheet
2Mb / 46P
TPS548A29 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS548A28 TI1-TPS548A28_V01 Datasheet
2Mb / 48P
TPS548A28 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS54JA20 TI1-TPS54JA20 Datasheet
2Mb / 42P
TPS54JA20 2.7-V to 16-V Input, 12-A Synchronous Buck Converter With Remote Sense, 3-V Internal LDO and Latch-off Current Limit
TPS542A50 TI-TPS542A50 Datasheet
3Mb / 39P
TPS542A50 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense and I2C
TPS542A52 TI-TPS542A52 Datasheet
3Mb / 33P
TPS542A52 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense
TPS548B28 TI-TPS548B28 Datasheet
3Mb / 49P
TPS548B28 2.7-V to 16-V Input, 20-A Synchronous Buck Converter With Remote Sense, 3-V Internal LDO and Hiccup Current Limit
TPS548B27 TI-TPS548B27 Datasheet
3Mb / 46P
TPS548B27 2.7-V to 16-V Input, 20-A Synchronous Buck Converter with Remote Sense, 3-V Internal LDO, and Hiccup Current Limit
TPS548C26 TI-TPS548C26 Datasheet
2Mb / 39P
TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
MARCH 2023
TPS548D26 TI1-TPS548D26 Datasheet
3Mb / 35P
TPS548D26 4-V to 16-V Input, 40-A Synchronous Buck Converter With Differential Remote Sense
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com