Electronic Components Datasheet Search
  English  ▼

X  

YD6283 Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD6283 Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD6283
Download  YD6283 Download
File Size   154.54 Kbytes
Page   4 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description DUAL AUDIO POWER AMPLIFIER

YD6283 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD6283 Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD6283
Download  YD6283 Click to download

File Size   154.54 Kbytes
Page   4 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description DUAL AUDIO POWER AMPLIFIER

YD6283 Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD6283 Product details

DESCRIPTION
YD6283 is an audio power IC with built-in two channels developed for portable radio cassette tape recorder. Because of the parts reduction and SIP (Single In line Package), space merit is remarkable. Thermal shut down protection circuit is built in.

FEATURES
* High Power: Pout( 1) =2.5W/CH (Typ.) (Vcc=9V, RL=4Ω, f=1kHz, THD=10%)
                       Pout( 2) =4.6W/CH (Typ.) (Vcc=12V, RL=4Ω, f=1kHz, THD=10%)
* Low popping noise at power ON
* Small quiescent current: Iccq=19mA(Typ.) ( Vcc=9V, VIN=0)
* Soft clip
* Built-in thermal shut down protection circuit
* Operation supply voltage range: Vcc=6V~15V
* Best for supply voltage: 9V, 12V.




Similar Part No. - YD6283

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
DUAL AUDIO POWER AMPLIFIER
More results


Similar Description - YD6283

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1316 NEC-UPC1316 Datasheet
1Mb / 8P
DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
DUAL AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
Dual Audio Power Amplifier
TA8258HQ TOSHIBA-TA8258HQ_06 Datasheet
345Kb / 13P
Dual Audio Power Amplifier
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
Dual Audio Power Amplifier
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
Dual Audio Power Amplifier
LM1896 TI1-LM1896 Datasheet
516Kb / 12P
Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
Dual Audio Power Amplifier
2002-02-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com