Electronic Components Datasheet Search
  English  ▼

X  

N0438N Datasheet (PDF) - Renesas Technology Corp

N0438N Datasheet PDF - Renesas Technology Corp
Part # N0438N
Download  N0438N Download
File Size   661.25 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET

N0438N Datasheet (PDF)

Go To PDF Page Download Datasheet
N0438N Datasheet PDF - Renesas Technology Corp

Part # N0438N
Download  N0438N Click to download

File Size   661.25 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET

N0438N Datasheet (HTML) - Renesas Technology Corp


N0438N Product details

Features
• Low on-state resistance :
RDS(on) = 7.5 mΩ max. ( VGS = 10 V, ID = 26 A )
• Low Ciss : Ciss = 1900 pF typ. ( VDS = 25 V )
• High current : ID(DC) = ±52 A
• RoHS Compliant
• Quality Grade : Standard
• Applications : For high current switching




Similar Part No. - N0438N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N0434N RENESAS-N0434N Datasheet
216Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
logo
Inchange Semiconductor ...
N0434N ISC-N0434N Datasheet
280Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
N0434N RENESAS-N0434N_15 Datasheet
216Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
N0435N RENESAS-N0435N Datasheet
580Kb / 7P
N-channel MOSFET
2019.9.30
N0435N-S19-AY RENESAS-N0435N-S19-AY Datasheet
580Kb / 7P
N-channel MOSFET
2019.9.30
More results


Similar Description - N0438N

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com