Electronic Components Datasheet Search
  English  ▼

X  

ISL99135B Datasheet (PDF) - Renesas Technology Corp

ISL99135B Datasheet PDF - Renesas Technology Corp
Part # ISL99135B
Download  ISL99135B Download
File Size   845.84 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 25A/35A DrMOS Module with Diode Emulation and PS4

ISL99135B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL99135B Datasheet PDF - Renesas Technology Corp

Part # ISL99135B
Download  ISL99135B Click to download

File Size   845.84 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 25A/35A DrMOS Module with Diode Emulation and PS4

ISL99135B Datasheet (HTML) - Renesas Technology Corp


ISL99135B Product details

Features
• VIN range: 0V to 25V
• Current capability: 25A (ISL99125B), 35A (ISL99135B)
• Supports three-state 5.0V PWM input
• 0.5Ω ON-resistance and 4A sink current capability
• Diode emulation for enhanced light-load efficiency
• Ultra low shutdown supply current (3μA) for PS4 operation
• Low three-state hold-off time
• Adaptive shoot-through protection
• Integrated high-side gate-to-source resistor to prevent self
turn-on due to high input bus dv/dt
• VCC undervoltage lockout
• Switching frequencies up to 2MHz
• Pb-free (RoHS compliant)
• 3.5x5 QFN 24 Ld package




Similar Part No. - ISL99135B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99135B INTERSIL-ISL99135B Datasheet
520Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
ISL99135B INTERSIL-ISL99135B Datasheet
478Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
October 27, 2016
logo
Renesas Technology Corp
ISL99135B RENESAS-ISL99135B Datasheet
779Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
Rev 4.00 January 24, 2017
ISL99135B RENESAS-ISL99135B Datasheet
930Kb / 18P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
Nov 22, 2023
logo
Intersil Corporation
ISL99135BDRZ-T INTERSIL-ISL99135BDRZ-T Datasheet
520Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
More results


Similar Description - ISL99135B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC10 SEMTECH-KBPC10 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Alpha & Omega Semicondu...
AOZ5006 AOSMD-AOZ5006 Datasheet
823Kb / 16P
35A DrMOS Power Module
AOZ5066 AOSMD-AOZ5066 Datasheet
826Kb / 16P
60A DrMOS Power Module
logo
STMicroelectronics
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
EEPROM Emulation with STR71x
22-Jul-2005
logo
Intersil Corporation
ISL99140IRZ INTERSIL-ISL99140IRZ Datasheet
455Kb / 14P
40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
May 5, 2014
logo
ams AG
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG4903 AMSCO-TMG4903 Datasheet
1Mb / 104P
Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
logo
Intersil Corporation
ISL99125B INTERSIL-ISL99125B Datasheet
520Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
logo
Renesas Technology Corp
ISL99140 RENESAS-ISL99140 Datasheet
761Kb / 15P
40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com