Electronic Components Datasheet Search
  English  ▼

X  

ISL97672IRZ Datasheet (PDF) - Renesas Technology Corp

ISL97672IRZ Datasheet PDF - Renesas Technology Corp
Part # ISL97672IRZ
Download  ISL97672IRZ Download
File Size   919.2 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel LED Driver

ISL97672IRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97672IRZ Datasheet PDF - Renesas Technology Corp

Part # ISL97672IRZ
Download  ISL97672IRZ Click to download

File Size   919.2 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel LED Driver

ISL97672IRZ Datasheet (HTML) - Renesas Technology Corp


ISL97672IRZ Product details

Features
• 6 Channels
• 4.5V to 26.5V Input
• 45V Output Max
• Up to 40mA LED Current per channel
• Direct PWM Dimming without Phase Shift
• PWM Dimming Linearity 0.4%~100% <30kHz
• Adjustable 200kHz to 1.4MHz Switching Frequency
• Dynamic Headroom Control
• Protections with Flag Indication
- String Open/Short Circuit, VOUT Short Circuit,
Overvoltage and Over-Temperature Protections
- Optional Master Fault Protection
• Current Matching ±0.7%
• 20 Ld 4mmx3mm QFN Package




Similar Part No. - ISL97672IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672IRZ INTERSIL-ISL97672IRZ Datasheet
380Kb / 17P
6-Channel LED Driver
June 24, 2010
ISL97672IRZ INTERSIL-ISL97672IRZ Datasheet
531Kb / 17P
6-Channel LED Driver Current Matching 짹0.7%
November 1, 2010
ISL97672IRZ-EVAL INTERSIL-ISL97672IRZ-EVAL Datasheet
380Kb / 17P
6-Channel LED Driver
June 24, 2010
ISL97672IRZ-EVAL INTERSIL-ISL97672IRZ-EVAL Datasheet
531Kb / 17P
6-Channel LED Driver Current Matching 짹0.7%
November 1, 2010
More results


Similar Description - ISL97672IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672_10 Datasheet
380Kb / 17P
6-Channel LED Driver
June 24, 2010
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97636A INTERSIL-ISL97636A Datasheet
650Kb / 18P
6-Channel LED Driver
May 9, 2008
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
651Kb / 18P
6-Channel LED Driver
May 9, 2008
logo
Copal Electronics
AN30 COPAL-AN30 Datasheet
397Kb / 7P
6-Channel LED Driver
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
6-Channel White LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
SMBus 6-Channel LED Driver
ISL97636A RENESAS-ISL97636A Datasheet
1Mb / 18P
6-Channel LED Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com