Electronic Components Datasheet Search
  English  ▼

X  

PDTB113EU Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTB113EU Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTB113EU
Download  PDTB113EU Download
File Size   3644.48 Kbytes
Page   27 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 500 mA, 50 V PNP resistor-equipped transistors

PDTB113EU Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTB113EU Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTB113EU
Download  PDTB113EU Click to download

File Size   3644.48 Kbytes
Page   27 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 500 mA, 50 V PNP resistor-equipped transistors

PDTB113EU Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTB113EU Product details

Features
500 mA output current capability
Built-in bias resistors
Simplifies circuit design
Reduces component count
 10 % resistor ratio tolerance
AEC-Q101 qualified
High temperature applications
up to 175 °C




Similar Part No. - PDTB113EU

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTB113EU NEXPERIA-PDTB113EU Datasheet
3Mb / 27P
500 mA, 50 V PNP resistor-equipped transistors
PDTB113EU NEXPERIA-PDTB113EU Datasheet
3Mb / 27P
500 mA, 50 V NPN resistor-equipped transistors
Rev. 1 - 13 May 2014
More results


Similar Description - PDTB113EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTB123Y PHILIPS-PDTB123Y Datasheet
75Kb / 10P
PNP 500 mA, 50 V resistor-equipped transistors
Rev. 01-27 April 2005
logo
Nexperia B.V. All right...
PDTB1XXXT NEXPERIA-PDTB1XXXT Datasheet
2Mb / 18P
500 mA, 50 V PNP resistor-equipped transistors
PDTB1XXXU NEXPERIA-PDTB1XXXU Datasheet
3Mb / 27P
500 mA, 50 V PNP resistor-equipped transistors
PDTB113 NEXPERIA-PDTB113 Datasheet
3Mb / 23P
50 V, 500 mA PNP resistor-equipped transistors
PDTD1XXXT NEXPERIA-PDTD1XXXT Datasheet
2Mb / 18P
500 mA, 50 V NPN resistor-equipped transistors
PDTB113EQA_SER NEXPERIA-PDTB113EQA_SER Datasheet
3Mb / 23P
50 V, 500 mA PNP resistor-equipped transistors
Rev. 1 - 30 March 2016
PDTB113ZQA_SER NEXPERIA-PDTB113ZQA_SER Datasheet
1Mb / 22P
50 V, 500 mA PNP resistor-equipped transistors
Rev. 1 - 6 January 2016
PDTB1XXXT_SER NEXPERIA-PDTB1XXXT_SER Datasheet
2Mb / 18P
500 mA, 50 V PNP resistor-equipped transistors
Rev. 1 - 13 May 2014
PDTB113Z_SER NEXPERIA-PDTB113Z_SER Datasheet
1Mb / 22P
50 V, 500 mA PNP resistor-equipped transistors
Rev. 1 - 6 January 2016
PDTB113_SER NEXPERIA-PDTB113_SER Datasheet
3Mb / 23P
50 V, 500 mA PNP resistor-equipped transistors
Rev. 1 - 30 March 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com