Electronic Components Datasheet Search
  English  ▼

X  

ISL32613E Datasheet (PDF) - Renesas Technology Corp

ISL32613E Datasheet PDF - Renesas Technology Corp
Part # ISL32613E
Download  ISL32613E Download
File Size   687.93 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,

ISL32613E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL32613E Datasheet PDF - Renesas Technology Corp

Part # ISL32613E
Download  ISL32613E Click to download

File Size   687.93 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,

ISL32613E Datasheet (HTML) - Renesas Technology Corp


ISL32613E Product details

Features
• Wide supply voltage range . . . . . . . . . . . . . . . . . . 1.8V to 3.6V
• Low quiescent supply current. . . . . . . . . . . . . . . . 80μA (max)
- Very low shutdown supply current . . . . . . . . . . . 2μA (max)
• High ESD protection on RS-485 outputs . . . . ±16.5kV HBM
- Class 3 ESD level on all other pins. . . . . . . . . . . >8kV HBM
• Specified for +125°C
• Hot plug - Tx outputs remain three-state during power-up
• Low Tx leakage allows >256 devices on the bus
• Slew rate limited for data rates up to 256kbps
• Current limiting and thermal shutdown for driver overload
protection
• 5V tolerant logic inputs
• Pb-Free (RoHS Compliant)
Applications
• Industrial/process control networks
• Space-constrained systems
• Factory automation
• Building environmental control/lighting systems




Similar Part No. - ISL32613E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
ISL32613E INTERSIL-ISL32613E Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
ISL32613EFHZ-T INTERSIL-ISL32613EFHZ-T Datasheet
546Kb / 11P
짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
More results


Similar Description - ISL32613E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
September 19, 2007
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
ISL32610E INTERSIL-ISL32610E Datasheet
704Kb / 12P
16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS-422 Differential Receivers
October 21, 2011
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
ISL3282EMRTEP RENESAS-ISL3282EMRTEP Datasheet
520Kb / 9P
±16.5kV ESD Protected, 16Mbps, with Active Low Rx EN, RS-485/422 Receiver
June 17, 2016
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com