Electronic Components Datasheet Search
  English  ▼

X  

BC856BWQ-7 Datasheet (PDF) - Diodes Incorporated

BC856BWQ-7 Datasheet PDF - Diodes Incorporated
Part # BC856BWQ-7
Download  BC856BWQ-7 Download
File Size   349.69 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 65V PNP SMALL SIGNAL TRANSISTOR IN SOT323

BC856BWQ-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC856BWQ-7 Datasheet PDF - Diodes Incorporated

Part # BC856BWQ-7
Download  BC856BWQ-7 Click to download

File Size   349.69 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 65V PNP SMALL SIGNAL TRANSISTOR IN SOT323

BC856BWQ-7 Datasheet (HTML) - Diodes Incorporated


BC856BWQ-7 Product details

Features
• BVCEO > -65V
• IC = -100mA High Collector Current
• Ideally Suited for Automatic Insertion
• Complementary NPN Types Available (BC846BWQ)
• For Switching and AF Amplifier Applications
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. "Green" Device (Note 3)
• The BC856BWQ is suitable for automotive applications requiring specific change control; this part is AEC-Q101 qualified, PPAP capable, and manufactured in IATF16949 certified facilities.




Similar Part No. - BC856BWQ-7

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC856BW SIEMENS-BC856BW Datasheet
273Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diodes Incorporated
BC856BW DIODES-BC856BW Datasheet
47Kb / 2P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
Infineon Technologies A...
BC856BW INFINEON-BC856BW Datasheet
229Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC856BW DIOTEC-BC856BW Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Weitron Technology
BC856BW WEITRON-BC856BW Datasheet
544Kb / 6P
General Purpose Transistor PNP Silicon
More results


Similar Description - BC856BWQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZUMT491TA DIODES-ZUMT491TA Datasheet
134Kb / 7P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR IN SOT323
Rev 3
MMST3904 DIODES-MMST3904_15 Datasheet
235Kb / 5P
60V NPN SMALL SIGNAL TRANSISTOR IN SOT323
Rev 12
BC846AW DIODES-BC846AW_15 Datasheet
202Kb / 6P
NPN SMALL SIGNAL TRANSISTOR IN SOT323
Rev 13
BC856AW DIODES-BC856AW_15 Datasheet
209Kb / 5P
PNP SMALL SIGNAL TRANSISTOR IN SOT323
Rev 10
MMST5401 DIODES-MMST5401_15 Datasheet
186Kb / 5P
160V PNP SMALL SIGNAL TRANSISTOR IN SOT323
Rev 10
BC807-16W DIODES-BC807-16W_15 Datasheet
227Kb / 5P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT323
Rev 7
ZUMT491 DIODES-ZUMT491_15 Datasheet
134Kb / 7P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR IN SOT323
Rev 3
BC856ASQ DIODES-BC856ASQ Datasheet
485Kb / 6P
65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Rev 1
BC857BWQ DIODES-BC857BWQ Datasheet
356Kb / 5P
PNP SMALL SIGNAL TRANSISTOR IN SOT323
February 2021 Rev. 1 - 2
BC857CWQ DIODES-BC857CWQ Datasheet
334Kb / 6P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT323
March 2022 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com