| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
1300060141
|
28Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 2 Poles, Female (90°) to Pigtail, 16 AWG, Yellow PVC Cable, 3.66m (12.0) Length
03/28/2023 |
|
1300061171
|
38Kb / 1P |
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 3.66m (12.0) Length
02/01/2023 |
|
1300061656
|
28Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 6 Poles, Female (90°) to Pigtail, 16 AWG, Yellow PVC Cable, 3.66m (12.0) Length
03/15/2023 |
|
1300061679
|
44Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 6 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 3.66m (12.0) Length
03/13/2023 |
|
1300070026
|
28Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 6 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 3.66m (12.0) Length
03/22/2023 |
|
1300070054
|
28Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 6 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 3.66m (12.0) Length
04/04/2023 |
|
1300070145
|
28Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 3.66m (12.0) Length
03/20/2023 |
|
1300080028
|
57Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 3.66m (12.0) Length
03/21/2023 |
|
1300080161
|
45Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 12 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 3.66m (12.0) Length
03/22/2023 |
|
1300080329
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 9 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 3.66m (12.0) Length
02/28/2023 |