Electronic Components Datasheet Search
  English  ▼

X  

TPS552892 Datasheet (PDF) - Texas Instruments

TPS552892 Datasheet PDF - Texas Instruments
Part # TPS552892
Download  TPS552892 Download
File Size   2709.68 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS552892-Q1, Automotive, 36-V, 8-A, Fully Integrated Buck-boost Converter

TPS552892 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS552892 Datasheet PDF - Texas Instruments

Part # TPS552892
Download  TPS552892 Click to download

File Size   2709.68 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS552892-Q1, Automotive, 36-V, 8-A, Fully Integrated Buck-boost Converter

TPS552892 Datasheet (HTML) - Texas Instruments


TPS552892 Product details

1 Features
• AEC-Q100 qualified:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
• Wide input and output voltage range
– Wide input voltage range: 3.0 V to 36 V
– Programmable output voltage range: 0.8 V to
22 V
– ±1% reference voltage accuracy
– Adjustable output voltage compensation for
voltage droop over the cable
– ±5% accurate output current monitoring
• High efficiency over entire load range
– 96% efficiency at VIN = 12 V, VOUT = 20 V and
IOUT = 3 A
– Programmable PFM and FPWM mode at light
load
• Avoid frequency interference and crosstalk
– Optional clock synchronization
– Programmable switching frequency from 200
kHz to 2.2 MHz
• EMI mitigation
– Optional programmable spread spectrum
– Lead-less package
• Rich protection features
– Output overvoltage protection
– Hiccup mode for output short-circuit protection
– Thermal shutdown protection
– 8 A average inductor current limit
• Small solution size
– Maximum switching frequency up to 2.2 MHz
– 3.0-mm × 5.0-mm HotRod™ QFN package

2 Applications
• Advanced driver-assistance system (ADAS)
• Wireless charger
• Automotive infotainment and cluster

3 Description
The TPS552892-Q1 is a synchronous buck-boost
converter that is optimized for converting battery
voltage or adapter voltage into power supply rails. The
TPS552892-Q1 integrates four MOSFET switches
providing a compact solution for a variety of
applications. The TPS552892-Q1 has up to 36V input
voltage capability. When working in boost mode, the
TPS552892-Q1 can deliver 60 W from a 12-V input. It
is capable of delivering 45 W from 9-V input voltage.
The TPS552892-Q1 employs an average currentmode
control scheme. The switching frequency is
programmable from 200 kHz to 2.2 MHz by an
external resistor and can be synchronized to an
external clock. The TPS552892-Q1 also provides
optional spread spectrum to minimize peak EMI.
The TPS552892-Q1 offers output over-voltage
protection, average inductor current limit, cycle-bycycle
peak current limit, output short circuit protection.
The TPS552892-Q1 also ensures safe operating
with optional output current limit and hiccup-mode
protection in sustained overload conditions.
The TPS552892-Q1 can use a small inductor and
small capacitors with high switching frequency. It is
available in a 3.0-mm × 5.0-mm QFN package.




Similar Part No. - TPS552892

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS552892 TI-TPS552892 Datasheet
2Mb / 35P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
DECEMBER 2022
TPS552892 TI-TPS552892 Datasheet
2Mb / 37P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
REVISED APRIL 2023
TPS552892-Q1 TI-TPS552892-Q1 Datasheet
2Mb / 37P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
REVISED APRIL 2023
TPS552892RYQR TI-TPS552892RYQR Datasheet
2Mb / 37P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
REVISED APRIL 2023
TPS552892 TI-TPS552892_V01 Datasheet
2Mb / 37P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
REVISED APRIL 2023
More results


Similar Description - TPS552892

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
TPS552882 TI-TPS552882 Datasheet
2Mb / 34P
TPS552882 36-V, 16-A Buck-boost Converter
TPS55288-Q1 TI-TPS55288-Q1 Datasheet
3Mb / 57P
TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
TPS552882-Q1 TI-TPS552882-Q1 Datasheet
3Mb / 41P
TPS552882-Q1 36-V, 16-A Buck-boost Converter
TPS55288-Q1 TI-TPS55288-Q1_V01 Datasheet
3Mb / 60P
TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
DECEMBER 2021
TPS552882-Q1 TI-TPS552882-Q1_V01 Datasheet
3Mb / 44P
TPS552882-Q1 36-V, 16-A Buck-boost Converter
DECEMBER 2021
TPS552892 TI-TPS552892 Datasheet
2Mb / 35P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
DECEMBER 2022
TPS552892 TI-TPS552892_V01 Datasheet
2Mb / 37P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
REVISED APRIL 2023
TPS552872-Q1 TI1-TPS552872-Q1 Datasheet
2Mb / 38P
TPS552872-Q1, Automotive, 36-V, 4-A, Fully Integrated Buck-boost Converter
AUGUST 2023
TPS552872 TI1-TPS552872 Datasheet
2Mb / 35P
TPS552872, 36-V, 4-A, Fully Integrated Buck-boost Converter
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com