Electronic Components Datasheet Search
  English  ▼

X  

PGA855 Datasheet (PDF) - Texas Instruments

PGA855 Datasheet PDF - Texas Instruments
Part # PGA855
Download  PGA855 Download
File Size   2077.58 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier

PGA855 Datasheet (PDF)

Go To PDF Page Download Datasheet
PGA855 Datasheet PDF - Texas Instruments

Part # PGA855
Download  PGA855 Click to download

File Size   2077.58 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier

PGA855 Datasheet (HTML) - Texas Instruments


PGA855 Product details

1 Features
• Eight pin-programmable binary gains
– G (V/V) = ⅛, ¼, ½, 1, 2, 4, 8, and 16
• Low gain error drift: 2 ppm/°C (max)
• Fully differential outputs
– Independent output power-supply pins
– Output common-mode control
• Faster signal processing:
– Wide bandwidth: 10 MHz at all gains
– High slew rate: 35 V/μs
– Settling time:
500 ns to 0.01%, 950 ns to 0.0015%
– Input stage noise: 7.8 nV/√Hz at G = 16 V/V
– Filter option to achieve better SNR
• Input overvoltage protection to ±40 V beyond
supplies
• Input-stage supply range:
– Single supply: 8 V to 36 V
– Dual supply: ±4 V to ±18 V
• Output-stage supply range:
– Single supply: 4.5 V to 36 V
– Dual supply: ±2.25 V to ±18 V
• Specified temperature range: –40°C to +125°C
• Small package: 3-mm × 3-mm QFN

2 Applications
• Factory automation and control
• Analog input module
• Data acquisition (DAQ)
• Test and measurement
• Semiconductor test

3 Description
The PGA855 is a high-bandwidth programmable
gain instrumentation amplifier with fully differential
outputs. The PGA855 is equipped with eight binary
gain settings, from an attenuating gain of 0.125 V/V
to a maximum of 16 V/V, using three digital gain
selection pins. The output common-mode voltage can
be independently set using the VOCM pin.
The PGA855 architecture is optimized to drive
inputs of high-resolution, precision analog-to-digital
converters (ADCs) with sampling rates up to 1 MSPS
without the need for an additional ADC driver. The
output-stage power supplies are decoupled from the
input stage to protect the ADC or downstream device
against overdrive damage.
The super-beta input transistors offer an impressively
low input bias current, which in turn provides a
very low input current noise density of 0.3 pA/√Hz,
making the PGA855 a versatile choice for virtually
any sensor type. The low-noise current-feedback
front-end architecture offers excellent gain flatness
even at high frequencies, making the PGA855 an
excellent high-impedance sensor readout device.
Integrated protection circuitry on the input pins
handles overvoltages up to ±40 V beyond the powersupply
voltages.




Similar Part No. - PGA855

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA855 TI-PGA855 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
PGA855 TI1-PGA855 Datasheet
1Mb / 24P
PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
MARCH 2024
PGA855 TI-PGA855 Datasheet
3Mb / 40P
PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
DECEMBER 2024
PGA855 TI2-PGA855 Datasheet
1Mb / 22P
PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
AUGUST 2025
PGA855 TI2-PGA855 Datasheet
3Mb / 39P
PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
REVISED DECEMBER 2025
More results


Similar Description - PGA855

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
High-Speed, Fully Differential, Programmable-Gain Amplifier
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Analog Devices
LTC6373 AD-LTC6373 Datasheet
3Mb / 34P
36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
logo
Texas Instruments
INA851 TI-INA851 Datasheet
1Mb / 28P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
INA851 TI-INA851_V01 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
PGA855 TI-PGA855_V01 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com