Electronic Components Datasheet Search
  English  ▼

X  

V7PB-15C09L Datasheet (PDF) - Bel Fuse Inc.

V7PB-15C09L Datasheet PDF - Bel Fuse Inc.
Part # V7PB-15C09L
Download  V7PB-15C09L Download
File Size   163.1 Kbytes
Page   7 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output

V7PB-15C09L Datasheet (PDF)

Go To PDF Page Download Datasheet
V7PB-15C09L Datasheet PDF - Bel Fuse Inc.

Part # V7PB-15C09L
Download  V7PB-15C09L Click to download

File Size   163.1 Kbytes
Page   7 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output

V7PB-15C09L Datasheet (HTML) - Bel Fuse Inc.


V7PB-15C09L Product details

Description
The Bel V7PB-15Cxxx is part of the low cost non-isolated dc/dc converter series. The modules use a SIP package for ease of layout and space savings. The output is closely regulated and the efficiency is typically 93% at 2.5 V output at full load. Typical features include remote on/off, under-voltage lockout, over-current protection and short circuit protection.

V7PB-15C Series

• Non-Isolated
• High Efficiency
• High Power Density
• Fixed Frequency (300 kHz)
• Low Cost
• Remote On/Off
• Industry Standard Footprint
• Over Temperature Protection
• Under-voltage Lockout (UVLO)
• OCP/SCP
• Industrial Temperature Range
• Remote Sense
• Active Low/High (option)




Similar Part No. - V7PB-15C09L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E09L BEL-V7PB-15E09L Datasheet
179Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E09S BEL-V7PB-15E09S Datasheet
179Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E12L BEL-V7PB-15E12L Datasheet
179Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E12S BEL-V7PB-15E12S Datasheet
179Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
More results


Similar Description - V7PB-15C09L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
SRDB-30B1AH BEL-SRDB-30B1AH Datasheet
278Kb / 10P
NON-ISOLATED DC/DC CONVERTERS 4.5 V - 5.5 V Input 0.9 V - 2.75 V/30 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
VRPB-15E BEL-VRPB-15E Datasheet
489Kb / 15P
NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
XRAH-10J BEL-XRAH-10J Datasheet
183Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 2.5 V Input 0.9 V-1.65 V/10 A Output
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
XRPC-04C50X BEL-XRPC-04C50X Datasheet
122Kb / 5P
NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com