Electronic Components Datasheet Search
  English  ▼

X  

SLG59M1558V Datasheet (PDF) - Renesas Technology Corp

SLG59M1558V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1558V
Download  SLG59M1558V Download
File Size   567.33 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small 1.6 mm2, 28.5 mΩ, 1.0 A, Load Switch

SLG59M1558V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1558V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1558V
Download  SLG59M1558V Click to download

File Size   567.33 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small 1.6 mm2, 28.5 mΩ, 1.0 A, Load Switch

SLG59M1558V Datasheet (HTML) - Renesas Technology Corp


SLG59M1558V Product details

General Description
The SLG59M1558V is designed for load switching
applications with ultra low quiescent current. The part comes
with one 28.5 mΩ, 1.0 A rated P-channel MOSFET controlled
by a single ON control pin. The product is packaged in an
ultra-small 1.0 mm x 1.0 mm package.
Features
• One 1.0 A MOSFET
• Ultra Low Quiescent Current
• Low RDSON
• 28.5 mΩ at VIN = 5.0 V
• 36.4 mΩ at VIN = 3.3 V
• 44.3 mΩ at VIN = 2.5 V
• 60.8 mΩ at VIN = 1.8 V
• 77.6 mΩ at VIN = 1.5 V
• VIN = 1.5 V to 5.5 V
• Pb-Free / Halogen-Free / RoHS compliant
• STDFN 4L, 1.0 x 1.0 x 0.55 mm




Similar Part No. - SLG59M1558V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1558V DIALOG-SLG59M1558V Datasheet
209Kb / 10P
Ultra-small 28.5 m廓, 1.0 A Integrated Power Switch
logo
Renesas Technology Corp
SLG59M1558V RENESAS-SLG59M1558V Datasheet
502Kb / 15P
An Ultra-small 1.0 mm2, 28.5 mΩ, 1.0 A, Load Switch
7-Aug-2023
logo
Dialog Semiconductor
SLG59M1558VTR DIALOG-SLG59M1558VTR Datasheet
209Kb / 10P
Ultra-small 28.5 m廓, 1.0 A Integrated Power Switch
logo
Renesas Technology Corp
SLG59M1558VTR RENESAS-SLG59M1558VTR Datasheet
502Kb / 15P
An Ultra-small 1.0 mm2, 28.5 mΩ, 1.0 A, Load Switch
7-Aug-2023
SLG59M1558V RENESAS-SLG59M1558V_V01 Datasheet
502Kb / 15P
An Ultra-small 1.0 mm2, 28.5 mΩ, 1.0 A, Load Switch
7-Aug-2023
More results


Similar Description - SLG59M1558V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M1457V RENESAS-SLG59M1457V Datasheet
539Kb / 15P
An Ultra-small 3 mm2, 7.8 mΩ, 6 A, Internally-protected Load Switch with Discharge
3-Feb-2022
SLG59M1545V RENESAS-SLG59M1545V Datasheet
606Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch
2-Feb-2022
SLG59M1557V RENESAS-SLG59M1557V Datasheet
435Kb / 11P
Ultra-small 28.5 mW, 1.0 A Load Switch with Discharge
February 4, 2022
SLG59M1614V RENESAS-SLG59M1614V Datasheet
562Kb / 16P
An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Load Switch
3-Feb-2022
SLG59M1658V RENESAS-SLG59M1658V Datasheet
525Kb / 15P
An Ultra-small 1.6 mm2, 17 mΩ, 2.5 A, 125°C-Rated Internally-protected Load Switch with Discharge
February 14, 2022
SLG59M301V RENESAS-SLG59M301V Datasheet
562Kb / 16P
An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Load Switch
4-Feb-2022
SLG59M307V RENESAS-SLG59M307V Datasheet
531Kb / 14P
An Ultra-small 3 mm2, 7.8 mΩ, 4 A, Load Switch with Discharge
3-Feb-2022
SLG5NT1593V RENESAS-SLG5NT1593V Datasheet
287Kb / 10P
Ultra-small 28.5 mW, 1.0 A Load Switch with Discharge
February 14, 2022
SLG5NT1594V RENESAS-SLG5NT1594V Datasheet
377Kb / 11P
Ultra-small 28.5 mW, 1.0 A Load Switch
February 7, 2022
SLG5NT1734V RENESAS-SLG5NT1734V Datasheet
814Kb / 18P
Ultra-small 28.5 mΩ, 1.0 A Load Switch with Discharge
February 7, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com