Electronic Components Datasheet Search
  English  ▼

X  

LDS6204 Datasheet (PDF) - Renesas Technology Corp

LDS6204 Datasheet PDF - Renesas Technology Corp
Part # LDS6204
Download  LDS6204 Download
File Size   778.01 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PureTouch®* Low Channel Capacitive Touch Sensor IC Family

LDS6204 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDS6204 Datasheet PDF - Renesas Technology Corp

Part # LDS6204
Download  LDS6204 Click to download

File Size   778.01 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PureTouch®* Low Channel Capacitive Touch Sensor IC Family

LDS6204 Datasheet (HTML) - Renesas Technology Corp


LDS6204 Product details

FEATURES
o Up to 8 touch sensor channels
o 2ms update rate per active sensor input**
o Built-in Slider/Scroll Support
o Configurable hysteresis and debounce
o Touch Preference Modes
o 1.65-5.5v supply voltage
o Low2011 touch sensor operating power
o Full power mode (typ): <125uW***
o Optional low power mode
o On-chip automatic calibration algorithm
o I2C compatible serial I/F with VDDIO
o Power on touch detection
o Configurable for proximity sensing
o GPIO and interrupt output
o 3mm x 3mm 16-pin and 20-pin TQFN
packages
o SOIC packages also available




Similar Part No. - LDS6204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
LDS6003 IDT-LDS6003 Datasheet
332Kb / 2P
PureTouch??Capacitance Touch IC
LDS6005 IDT-LDS6005 Datasheet
333Kb / 2P
PureTouch??Capacitance Touch IC
LDS6020 IDT-LDS6020 Datasheet
346Kb / 2P
PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6023 IDT-LDS6023 Datasheet
344Kb / 2P
PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6025 IDT-LDS6025 Datasheet
346Kb / 2P
PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
More results


Similar Description - LDS6204

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
Ultra Low Power Capacitive Touch Sensor Interface IC
logo
Integrated Device Techn...
LDS6003 IDT-LDS6003 Datasheet
332Kb / 2P
PureTouch??Capacitance Touch IC
LDS6005 IDT-LDS6005 Datasheet
333Kb / 2P
PureTouch??Capacitance Touch IC
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
16-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
logo
List of Unclassifed Man...
LDS6124NQGI8 ETC2-LDS6124NQGI8 Datasheet
1Mb / 3P
PureTouch Capacitance Touch IC Family with Integrated LED Drivers
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com