Electronic Components Datasheet Search
  English  ▼

X  

LM339LV Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM339LV Datasheet PDF - Texas Instruments
Part # LM339LV
Download  LM339LV Download
File Size   4173.93 Kbytes
Page   63 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators

LM339LV Datasheet (PDF)

Go To PDF Page Download Datasheet
LM339LV Datasheet PDF - Texas Instruments

Part # LM339LV
Download  LM339LV Click to download

File Size   4173.93 Kbytes
Page   63 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators

LM339LV Datasheet (HTML) - Texas Instruments


LM339LV Product details

1 Features
• 1.65 V to 5.5 V supply range
• Rail-to-Rail input with Failsafe
• Low input offset voltage 400 μV typical
• 600ns typical propagation delay
• Low quiescent current 25 μA/Ch typical
• Low input bias current 5 pA typical
• Open-drain output
• Full -40°C to +125°C temperature range
• Power-On-Reset (POR) for known start-up
• 2 kV ESD protection
• Improved replacement for TL331, LM393 & LM339
family for VCC ≤ 5 V.
• Alternate pinout for single (TL391)

2 Applications
• Vacuum robot
• Single phase UPS
• Server PSU
• Cordless power tool
• Wireless infrastructure
• Appliances
• Building automation
• Factory automation & control
• Motor drives
• Infotainment & cluster

3 Description
The LV device family consists of single, dual and quad
independent voltage comparators that operate from
a wide supply voltage range. The LV devices can
drop-in replace the standard TL331, LM2xx, LM3xx
and LM290x comparator family in low voltage (≤ 5
V) applications for improved performance and added
features.
The LV devices include a Power-On-Reset (POR)
feature to ensures the output is in a High-Z state
until the minimum supply voltage has been reached to
prevent output transients during power-up and powerdown.
The family also feature Rail to Rail inputs that
can go up to 6V without damage or phase inversion.
The LV devices are specified for the temperature
range of -40°C to +125°C, which covers the ranges
of the TL331, LM2xx, LM3xx and LM290x comparator
families.




Similar Part No. - LM339LV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM339LV TI-LM339LV Datasheet
2Mb / 39P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM339LV TI-LM339LV Datasheet
1Mb / 34P
LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
LM339LV TI-LM339LV Datasheet
2Mb / 42P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM339LV TI-LM339LV Datasheet
2Mb / 43P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM339LV TI-LM339LV Datasheet
3Mb / 53P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
More results


Similar Description - LM339LV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM393LV TI-LM393LV Datasheet
2Mb / 39P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V01 Datasheet
2Mb / 42P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V02 Datasheet
2Mb / 43P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
TL331LV-Q1 TI-TL331LV-Q1 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV TI1-TL331LV_V01 Datasheet
4Mb / 63P
TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V01 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V02 Datasheet
2Mb / 58P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED NOVEMBER 2023
TL331LV TI1-TL331LV_V02 Datasheet
4Mb / 66P
TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com