Electronic Components Datasheet Search
  English  ▼

X  

UG-2077 Datasheet (PDF) - Analog Devices

UG-2077 Datasheet PDF - Analog Devices
Part # UG-2077
Download  UG-2077 Download
File Size   875.96 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the LTC3313 5 V, 15 A Synchronous Step-Down Silent Switcher in 3 mm × 3 mm LQFN

UG-2077 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG-2077 Datasheet PDF - Analog Devices

Part # UG-2077
Download  UG-2077 Click to download

File Size   875.96 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the LTC3313 5 V, 15 A Synchronous Step-Down Silent Switcher in 3 mm × 3 mm LQFN

UG-2077 Datasheet (HTML) - Analog Devices


UG-2077 Product details

GENERAL DESCRIPTION
The EVAL-LTC3313EV-A-Z features the LTC3313, 15 A low voltage
synchronous step-down Silent Switcher® that operates as a 2 MHz,
2.25 V to 5.5 V input, 1.2 V, 15 A output buck regulator. The
LTC3313 supports an output voltage (VOUT) from 0.5 V to the input
voltage (VIN) with operating frequencies from 500 kHz up to 5 MHz.
The LTC3313 is a compact, ultralow emission, high-efficiency, and
high speed synchronous monolithic step-down switching regulator.
The Silent Switcher technology optimizes fast-current loops and
makes it easier to minimize electromagnetic interference (EMI)
and electromagnetic compatibility (EMC) emissions. The minimum
on-time of 35 ns typical enables high VIN to low VOUT conversion at
a high frequency.
The EVAL-LTC3313EV-A-Z runs in forced continuous mode with a
2 MHz switching frequency (fSW); however, it can be configured to
run at different switching frequencies or in pulse-skipping mode.
The LTC3313 oscillator can also synchronize to an external clock
using a MODE/SYNC turret, with the EVAL-LTC3313EV-A-Z default
setup. Figure 4 shows the efficiency and power loss of the EVALLTC3313EV-
A-Z with a 3.3 V input in both operation modes.
The EVAL-LTC3313EV-A-Z also has an EMI filter to reduce conducted
EMI. This EMI filter can be included by applying the input
voltage at the VIN EMI terminal. The EMI performance of the board-
EVAL-LTC3313EV-A-Z is shown in the EMI Test Results section.
The red lines in the EMI performance graphs illustrate the CISPR25
Class 5 peak limits for the conducted and radiated emission tests.
The LTC3313 data sheet gives a complete description of the device
and its application information. The data sheet must be read in
conjunction with this evaluation board user guide. The LTC3313 is
assembled in a 3 mm × 3 mm LQFN package with an exposed
pad for low thermal resistance. The layout recommendations for low
EMI operation and maximum thermal performance are available in
the LTC3313 data sheet.

FEATURES
► EVAL-LTC3313EV-A-Z evaluation board
► Transient circuit included for load transient evaluation
► EMI filter included to reduce noise in EMI emission tests
► MODE pin pull-up option for pulse-skipping mode evaluation
EVALUATION KIT CONTENTS
► EVAL-LTC3313EV-A-Z evaluation board
DOCUMENTS NEEDED
► LTC3313 data sheet
► EVAL-LTC3313EV-A-Z user guide
EQUIPMENT NEEDED
► A DC voltage source
► An electronic load
► A multimeter




Similar Part No. - UG-2077

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-207 AD-UG-207 Datasheet
963Kb / 16P
Evaluation Board for 1 GSPS DDS with 14-Bit DAC
Rev. A
More results


Similar Description - UG-2077

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LTC3310S AD-LTC3310S Datasheet
2Mb / 32P
5V, 10A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
03/20-REV.C
LTC3307A AD-LTC3307A Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3311 AD-LTC3311 Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC3311S AD-LTC3311S Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LTC3313 AD-LTC3313 Datasheet
1Mb / 28P
5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com