Electronic Components Datasheet Search
  English  ▼

X  

PRSS0003AP-A Datasheet (PDF) - Renesas Technology Corp

PRSS0003AP-A Datasheet PDF - Renesas Technology Corp
Part # PRSS0003AP-A
Download  PRSS0003AP-A Download
File Size   509.28 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 10A - Triac Medium Power Use

PRSS0003AP-A Datasheet (PDF)

Go To PDF Page Download Datasheet
PRSS0003AP-A Datasheet PDF - Renesas Technology Corp

Part # PRSS0003AP-A
Download  PRSS0003AP-A Click to download

File Size   509.28 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 10A - Triac Medium Power Use

PRSS0003AP-A Datasheet (HTML) - Renesas Technology Corp


PRSS0003AP-A Product details

Features
• IT (RMS) : 10 A
• VDRM : 600 V
• Tj: 150°C
• IFGTI, IRGTI, IRGT III: 50 mA
• Insulated Type
• Planar Passivation Type
• Viso: 2000 V




Similar Part No. - PRSS0003AP-A

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
logo
Power Systems GmbH+Co.K...
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
PRS-0512C POWER-SYSTEMS-PRS-0512C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
PRS-0515C POWER-SYSTEMS-PRS-0515C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
logo
List of Unclassifed Man...
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
relay
More results


Similar Description - PRSS0003AP-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10FM-14LJ RENESAS-BCR10FM-14LJ Datasheet
105Kb / 8P
700V - 10A - Triac Medium Power Use
BCR10LM-14LJ RENESAS-BCR10LM-14LJ Datasheet
110Kb / 8P
700V - 10A - Triac Medium Power Use
BCR10PM-14LJ RENESAS-BCR10PM-14LJ Datasheet
112Kb / 8P
700V - 10A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD Datasheet
105Kb / 8P
600V - 12A - Triac Medium Power Use
BCR10FM-12LB RENESAS-BCR10FM-12LB_15 Datasheet
117Kb / 8P
600V - 10A - Triac Medium Power Use
BCR10CM-16LH RENESAS-BCR10CM-16LH_15 Datasheet
144Kb / 9P
800V - 10A - Triac Medium Power Use
BCR10FM-14LJ RENESAS-BCR10FM-14LJ_15 Datasheet
105Kb / 8P
700V - 10A - Triac Medium Power Use
BCR10LM-14LJ RENESAS-BCR10LM-14LJ_15 Datasheet
110Kb / 8P
700V - 10A - Triac Medium Power Use
BCR10PM-14LJ RENESAS-BCR10PM-14LJ_15 Datasheet
112Kb / 8P
700V - 10A - Triac Medium Power Use
BCR10CM-12LB RENESAS-BCR10CM-12LB_15 Datasheet
152Kb / 9P
600V - 10A - Triac Medium Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com