Electronic Components Datasheet Search
  English  ▼

X  

PDTD113EU Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTD113EU Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTD113EU
Download  PDTD113EU Download
File Size   3593.74 Kbytes
Page   27 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 500 mA, 50 V NPN resistor-equipped transistors

PDTD113EU Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTD113EU Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTD113EU
Download  PDTD113EU Click to download

File Size   3593.74 Kbytes
Page   27 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 500 mA, 50 V NPN resistor-equipped transistors

PDTD113EU Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTD113EU Product details

Features
500 mA output current capability
Built-in bias resistors
Simplifies circuit design
Reduces component count
 10 % resistor ratio tolerance
AEC-Q101 qualified
High temperature applications
up to 175 °C




Similar Part No. - PDTD113EU

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTD113EU NEXPERIA-PDTD113EU Datasheet
3Mb / 27P
500 mA, 50 V NPN resistor-equipped transistors
PDTD113EU NEXPERIA-PDTD113EU Datasheet
3Mb / 27P
500 mA, 50 V PNP resistor-equipped transistors
Rev. 1 - 6 May 2014
More results


Similar Description - PDTD113EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD1XXXT PHILIPS-PDTD1XXXT_15 Datasheet
1Mb / 18P
500 mA, 50 V NPN resistor-equipped transistors
Rev. 1-15 May 2014
PDTD1XXXU PHILIPS-PDTD1XXXU_15 Datasheet
2Mb / 27P
500 mA, 50 V NPN resistor-equipped transistors
Rev. 1-13 May 2014
PDTD123E PHILIPS-PDTD123E_15 Datasheet
131Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors
Rev. 02-16 November 2009
logo
Nexperia B.V. All right...
PDTB1XXXU NEXPERIA-PDTB1XXXU Datasheet
3Mb / 27P
500 mA, 50 V PNP resistor-equipped transistors
PDTD113Z NEXPERIA-PDTD113Z Datasheet
1Mb / 22P
50 V, 500 mA NPN resistor-equipped transistors
PDTD1XXXU NEXPERIA-PDTD1XXXU Datasheet
3Mb / 27P
500 mA, 50 V NPN resistor-equipped transistors
PDTD1XXXT NEXPERIA-PDTD1XXXT Datasheet
2Mb / 18P
500 mA, 50 V NPN resistor-equipped transistors
PDTD113EQA NEXPERIA-PDTD113EQA Datasheet
2Mb / 24P
50 V, 500 mA NPN resistor-equipped transistors
PDTD113EQA_SER NEXPERIA-PDTD113EQA_SER Datasheet
2Mb / 24P
50 V, 500 mA NPN resistor-equipped transistors
Rev. 1 - 4 February 2016
PDTD113ZQA_SER NEXPERIA-PDTD113ZQA_SER Datasheet
1Mb / 22P
50 V, 500 mA NPN resistor-equipped transistors
Rev. 1 - 31 March 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com