Electronic Components Datasheet Search
  English  ▼

X  

7490220115 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7490220115 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 7490220115
Download  7490220115 Download
File Size   198.25 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description LAN-Transformer WE-LAN

7490220115 Datasheet (PDF)

Go To PDF Page Download Datasheet
7490220115 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7490220115
Download  7490220115 Click to download

File Size   198.25 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description LAN-Transformer WE-LAN

7490220115 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


7490220115 Product details

Hochspannungsprüfung / Hipot test: 1500Vrms 1min.
Geeignet für 1000BaseT-Anwendungen gemäß IEEE 802.3at /
Geeignet für Power over Ethernet-Anwendungen (800 mA) /
Betriebstemp. / operating temperature: -40°C - + 85°C
Compliant with IEEE 802.3at for PoE+
Suitable for Power over Ethernet applications (800 mA)




Similar Part No. - 7490220115

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749022011 WURTH-749022011 Datasheet
193Kb / 1P
TRANSFORMER
More results


Similar Description - 7490220115

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749010012 WURTH-749010012 Datasheet
169Kb / 3P
LAN-Transformer WE-LAN
749023010A WURTH-749023010A Datasheet
373Kb / 3P
LAN-Transformer WE-LAN
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
LAN-Transformer WE-LAN
749020100A WURTH-749020100A Datasheet
221Kb / 3P
LAN-Transformer WE-LAN
749020111A WURTH-749020111A Datasheet
277Kb / 3P
LAN-Transformer WE-LAN
2016-02-16 Version 03
749020022A WURTH-749020022A Datasheet
300Kb / 3P
LAN-Transformer WE-LAN
2016-09-26 Revision 03
749010012A WURTH-749010012A Datasheet
278Kb / 3P
LAN-Transformer WE-LAN
2015-01-26
749020112B WURTH-749020112B Datasheet
357Kb / 3P
LAN-Transformer WE-LAN
2017-05-24 Revision 01
7490220120 WURTH-7490220120_V01 Datasheet
209Kb / 3P
LAN-Transformer WE-LAN
2018-09-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com