Electronic Components Datasheet Search
  English  ▼

X  

87008AGI Datasheet (PDF) - Renesas Technology Corp

87008AGI Datasheet PDF - Renesas Technology Corp
Part # 87008AGI
Download  87008AGI Download
File Size   292.03 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR

87008AGI Datasheet (PDF)

Go To PDF Page Download Datasheet
87008AGI Datasheet PDF - Renesas Technology Corp

Part # 87008AGI
Download  87008AGI Click to download

File Size   292.03 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR

87008AGI Datasheet (HTML) - Renesas Technology Corp


87008AGI Product details

FEATURES
• Eight LVCMOS/LVTTL outputs (2 banks of 4 outputs)
• Selectable differential CLK1, nCLK1 or
LVCMOS clock input
• CLK1, nCLK1 pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• CLK0 supports the following input types:
LVCMOS, LVTTL
• Maximum output frequency: 250MHz
• Independent bank control for ÷1 or ÷2 operation
• Glitchless, asynchronous clock enable/disable
• Output skew: 105ps (maximum) @ 3.3V core/3.3V output
• Bank skew: 70ps (maximum) @ 3.3V core/3.3V output
• 3.3V or 2.5V core/3.3V, 2.5V, or 1.8V output operating
supply
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant
packages




Similar Part No. - 87008AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87008AGI IDT-87008AGI Datasheet
292Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
87008AGILF IDT-87008AGILF Datasheet
292Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
87008AGILFT IDT-87008AGILFT Datasheet
292Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
87008AGIT IDT-87008AGIT Datasheet
292Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
More results


Similar Description - 87008AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87974I IDT-87974I Datasheet
245Kb / 16P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
879893 IDT-879893 Datasheet
205Kb / 16P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
87021I IDT-87021I Datasheet
233Kb / 14P
Differential-to-LVCMOS/LVTTL Clock Generator
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
ICS87008I IDT-ICS87008I Datasheet
292Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Renesas Technology Corp
879893 RENESAS-879893 Datasheet
398Kb / 17P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
January 10, 2017
87016 RENESAS-87016 Datasheet
865Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
01/21/20
87016I RENESAS-87016I Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
87021I RENESAS-87021I Datasheet
782Kb / 14P
÷1/÷2 Differential-to-LVCMOS/LVTTL Clock Generator
September 2, 2021
87974I RENESAS-87974I Datasheet
440Kb / 17P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
January 26, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com