Electronic Components Datasheet Search
  English  ▼

X  

1987067 Datasheet (PDF) - PHOENIX CONTACT

1987067 Datasheet PDF - PHOENIX CONTACT
Part # 1987067
Download  1987067 Download
File Size   322.8 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - ZFKDSA 10-16,7

1987067 Datasheet (PDF)

Go To PDF Page Download Datasheet
1987067 Datasheet PDF - PHOENIX CONTACT

Part # 1987067
Download  1987067 Click to download

File Size   322.8 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - ZFKDSA 10-16,7

1987067 Datasheet (HTML) - PHOENIX CONTACT


1987067 Product details

PCB terminal block, nominal current: 76 A, rated voltage (III/2): 1000 V, nominal cross section:
10 mm2, number of potentials: 1, number of rows: 1, number of positions per row: 1, product
range: ZFKDS(A) 10, pitch: 15 mm, connection method: Spring-cage connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 6.5 mm, number of solder pins per potential: 4, type of packaging:
packed in cardboard. The article can be aligned to create different nos. of positions!

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Separate bridge shaft for easily connecting multiple positions to jumpers
• Quick and convenient testing using integrated test option




Similar Part No. - 1987067

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1987002-4 MACOM-1987002-4 Datasheet
3Mb / 40P
SOLARLOK Photovoltaic Interconnection System
1987003-3 MACOM-1987003-3 Datasheet
3Mb / 40P
SOLARLOK Photovoltaic Interconnection System
1987029-1 MACOM-1987029-1 Datasheet
2Mb / 36P
Industrial Ethernet Products
1987029-2 MACOM-1987029-2 Datasheet
2Mb / 36P
Industrial Ethernet Products
1987030-1 MACOM-1987030-1 Datasheet
2Mb / 36P
Industrial Ethernet Products
More results


Similar Description - 1987067

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1722561 PHOENIX-1722561 Datasheet
67Kb / 3P
PCB terminal block - ZFKDSA 4-10- 6
1739295 PHOENIX-1739295 Datasheet
42Kb / 2P
PCB terminal block - ZFKDSA 10-15,00-2
1747957 PHOENIX-1747957 Datasheet
118Kb / 5P
PCB terminal block - ZFKDSA 1-W-3,81-10
1805504 PHOENIX-1805504 Datasheet
90Kb / 3P
PCB terminal block - ZFKDSA 4-7,5-10
1904354 PHOENIX-1904354 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1-V-3,81-10
1988574 PHOENIX-1988574 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0-10
1987054 PHOENIX-1987054 Datasheet
284Kb / 9P
PCB terminal block - ZFKDSA 10-11,7
1735422 PHOENIX-1735422 Datasheet
578Kb / 18P
ZFKDSA 4-10-12 - PCB terminal block
1906226 PHOENIX-1906226 Datasheet
242Kb / 8P
ZFKDSA 1,5-5,08-10 - PCB terminal block
1891454 PHOENIX-1891454 Datasheet
240Kb / 8P
ZFKDSA 1,5-W-5,08-10 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com