Electronic Components Datasheet Search
  English  ▼

X  

84021BYLFT Datasheet (PDF) - Renesas Technology Corp

84021BYLFT Datasheet PDF - Renesas Technology Corp
Part # 84021BYLFT
Download  84021BYLFT Download
File Size   601.95 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer

84021BYLFT Datasheet (PDF)

Go To PDF Page Download Datasheet
84021BYLFT Datasheet PDF - Renesas Technology Corp

Part # 84021BYLFT
Download  84021BYLFT Click to download

File Size   601.95 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer

84021BYLFT Datasheet (HTML) - Renesas Technology Corp


84021BYLFT Product details

Features
• Two LVCMOS/LVTTL outputs
• Selectable crystal oscillator interface or LVCMOS/LVTTL
TEST_CLK
• Output frequency range: 103.3MHz to 260MHz
• Crystal input frequency range: 14MHz to 40MHz
• VCO range: 620MHz to 780MHz
• Parallel or serial interface for programming counter and output
dividers
• RMS period jitter: 14.7ps (typical), (N ÷ 4, VDDO = 3.3V±5%)
• RMS phase jitter at 155.52MHz, using a 38.88MHz crystal (12kHz
to 20MHz): 2.61ps (typical)
Offset Noise Power
100Hz.................-87.9 dBc/Hz
1kHz...................-115.8 dBc/Hz
10kHz.................-124.2 dBc/Hz
100kHz...............-127.7 dBc/Hz
• Full 3.3V or mixed 3.3V core/2.5V or 1.8V output supply voltage
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in lead-free (RoHS 6) package




Similar Part No. - 84021BYLFT

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
84021132 HUBERSUHNER-84021132 Datasheet
388Kb / 2P
COAXIAL CONNECTOR, QN, 50 Ohm, Straight cable plug (male)
84021198 HUBERSUHNER-84021198 Datasheet
133Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
84021246 HUBERSUHNER-84021246 Datasheet
130Kb / 2P
COAXIAL CONNECTOR, PC 3.5, 50 Ohm, Edge mount PCB jack (female)
84021420 HUBERSUHNER-84021420 Datasheet
3Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
84021537 HUBERSUHNER-84021537 Datasheet
146Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Right angle cable plug (male)
More results


Similar Description - 84021BYLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84021 ICST-ICS84021 Datasheet
253Kb / 14P
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 7, 2003
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
logo
Integrated Device Techn...
840S05I IDT-840S05I Datasheet
357Kb / 21P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840S07I IDT-840S07I Datasheet
323Kb / 20P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840024I IDT-840024I Datasheet
344Kb / 17P
FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840S05I RENESAS-840S05I Datasheet
549Kb / 22P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 11, 2016
840S07I RENESAS-840S07I Datasheet
515Kb / 21P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 14, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com