Electronic Components Datasheet Search
  English  ▼

X  

744760210A Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

744760210A Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 744760210A
Download  744760210A Download
File Size   493.12 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-KI SMT Wire Wound Ceramic Inductor

744760210A Datasheet (PDF)

Go To PDF Page Download Datasheet
744760210A Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744760210A
Download  744760210A Click to download

File Size   493.12 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-KI SMT Wire Wound Ceramic Inductor

744760210A Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


744760210A Product details

General Information:
It is recommended that the temperature of the component does not exceed +125 °C under worst
case conditions
Ambient Temperature (referring
to IR) -40 up to +110 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 744760210A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744760210GA WURTH-744760210GA Datasheet
491Kb / 6P
WE-KI SMT Wire Wound Ceramic Inductor
002.000
More results


Similar Description - 744760210A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744761215A WURTH-744761215A Datasheet
486Kb / 6P
WE-KI SMT Wire Wound Ceramic Inductor
003.000
744760068GA WURTH-744760068GA Datasheet
495Kb / 6P
WE-KI SMT Wire Wound Ceramic Inductor
002.000
744760082GA WURTH-744760082GA Datasheet
494Kb / 6P
WE-KI SMT Wire Wound Ceramic Inductor
002.000
744760112A WURTH-744760112A Datasheet
495Kb / 6P
WE-KI SMT Wire Wound Ceramic Inductor
002.000
744760112GA WURTH-744760112GA Datasheet
494Kb / 6P
WE-KI SMT Wire Wound Ceramic Inductor
002.000
744760147GA WURTH-744760147GA Datasheet
492Kb / 6P
WE-KI SMT Wire Wound Ceramic Inductor
002.000
744760212GA WURTH-744760212GA Datasheet
491Kb / 6P
WE-KI SMT Wire Wound Ceramic Inductor
002.000
744760215GA WURTH-744760215GA Datasheet
490Kb / 6P
WE-KI SMT Wire Wound Ceramic Inductor
002.000
744760218GA WURTH-744760218GA Datasheet
490Kb / 6P
WE-KI SMT Wire Wound Ceramic Inductor
002.000
744760233A WURTH-744760233A Datasheet
490Kb / 6P
WE-KI SMT Wire Wound Ceramic Inductor
003.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com